Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7640 Datasheet (PDF) - OmniVision Technologies, Inc.

OV7640 Datasheet PDF - OmniVision Technologies, Inc.
Part # OV7640
Download  OV7640 Download
File Size   402.17 Kbytes
Page   18 Pages
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.
Description OV7640 Color CMOS VGA (640 x 480) CAMERACHIPTM OV7140 B&W CMOS VGA (640 x 480) CAMERACHIPTM

OV7640 Datasheet (PDF)

Go To PDF Page Download Datasheet
OV7640 Datasheet PDF - OmniVision Technologies, Inc.

Part # OV7640
Download  OV7640 Click to download

File Size   402.17 Kbytes
Page   18 Pages
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.
Description OV7640 Color CMOS VGA (640 x 480) CAMERACHIPTM OV7140 B&W CMOS VGA (640 x 480) CAMERACHIPTM

OV7640 Datasheet (HTML) - OmniVision Technologies, Inc.


OV7640 Product details

General Description
The OV7640 (color) and OV7140 (black and white)
CAMERACHIPSTM are low voltage CMOS image sensors
that provide the full functionality of a single-chip VGA
(640 x 480) camera and image processor in a small
footprint package. The OV7640/OV7140 provides
full-frame, sub-sampled or windowed 8-bit images in a
wide range of formats, controlled through OmniVision’s
Serial Camera Control Bus (SCCB) interface.
This product family has an image array capable of
operating at up to 30 frames per second (fps) with
complete user control over image quality, formatting and
output data transfer. All required image processing
functions, including exposure control, gamma, white
balance, color saturation, hue control and more, are also
programmable through the SCCB interface. In addition,
OmniVision CAMERACHIPs use proprietary sensor
technology to improve image quality by reducing or
eliminating common lighting/electrical sources of image
contamination such as fixed pattern noise, smearing,
blooming, etc. to produce a clean, fully stable color image.

Features
• High sensitivity for low-light operation
• 2.5V operating voltage for embedded portable
applications
• Standard Serial Camera Control Bus (SCCB)
interface
• VGA, QVGA (sub-sampled) and Windowed outputs
with Raw RGB, RGB (GRB 4:2:2), YUV (4:2:2) and
YCbCr (4:2:2) formats
• Automatic image control functions including:
Automatic Exposure Control (AEC), Automatic Gain
Control (AGC), Automatic White Balance (AWB),
Automatic Brightness Control (ABC), Automatic
Band Filter (ABF) for 60Hz noise and Automatic
Black-Level Calibration (ABLC)
• Image quality controls including color saturation,
hue, gamma, sharpness (edge enhancement),
anti-blooming and zero smearing

Applications
• Cellular and Picture Phones
• Toys
• PC Multimedia




Similar Part No. - OV7640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV7640 ETC1-OV7640 Datasheet
291Kb / 20P
OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
More results


Similar Description - OV7640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV7640 ETC1-OV7640 Datasheet
291Kb / 20P
OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
logo
Hantronix,Inc
HDM6448-A HANTRONIX-HDM6448-A Datasheet
26Kb / 1P
640 X 480 10.4 VGA Monochrome
HDM6448ATSC HANTRONIX-HDM6448ATSC Datasheet
91Kb / 1P
640 X 480 10.4 VGA Color w/Touch Screen
HDM6448ATSC-7 HANTRONIX-HDM6448ATSC-7 Datasheet
32Kb / 1P
640 X 480 7.5 Single Scan VGA Color w/Touch Screen
HDM6448C HANTRONIX-HDM6448C Datasheet
51Kb / 1P
640 X 480 10.4 VGA Color
HDM6448C-7 HANTRONIX-HDM6448C-7 Datasheet
29Kb / 1P
640 X 480 7.5 Single Scan VGA Color
HDM6448-1 HANTRONIX-HDM6448-1 Datasheet
27Kb / 1P
640 X 480 9.5 VGA Monochrome
logo
AAEON Technology
AWK-3004 AAEON-AWK-3004 Datasheet
671Kb / 2P
10.4??VGA (640 x 480) Color TFT LCD
logo
Schneider Electric
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
logo
OmniVision Technologies...
OV7750 OMNIVISION-OV7750 Datasheet
2Mb / 125P
CMOS VGA (640 x 480) image sensor with OmniPixel3-GS™ technology
version 2.12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com