Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7640 Datasheet(PDF) 4 Page - OmniVision Technologies, Inc.

Part # OV7640
Description  OV7640 Color CMOS VGA (640 x 480) CAMERACHIPTM OV7140 B&W CMOS VGA (640 x 480) CAMERACHIPTM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7640 Datasheet(HTML) 4 Page - OmniVision Technologies, Inc.

  OV7640 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 2Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 3Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 4Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 5Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 6Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 7Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 8Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 9Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Proprietary to OmniVision Technologies
Version 1.3, January 15, 2003
OV7640/OV7140
CMOS VGA (640 x 480) CAMERACHIP™
Omni ision
Pin Description
Table 1
Pin Description
Pin Number
Name
Pin Type
Function/Description
01
VSS_A
Ground
Analog ground
02
VDD_A
VDD
Analog VDD
03
NC
—
No connection
04
NC
—
No connection
05
PWDN
Input
Sets device to power down standby mode
06
NC
—
No connection
07
VREF
VREF
Internal voltage reference (2.3V). Connect to ground through 1µF capacitor
08
VDD_C
VDD
Core VDD
09
VSYNC
Output
Vertical sync output
10
HREF
Output
HREF output
11
PCLK
Output
Pixel clock output
12
VDD_IO
VDD
I/O VDD
13
CLK
Input
External clock
14
NC
—
No connection
15
RESET
Input
Clears all registers and resets them to their default values.
16
NC
—
No connection
17
VSS_D
Ground
Digital ground
18
Y7
Output
Digital video output bit[7]
19
Y6
Output
Digital video output bit[6]
20
Y5
Output
Digital video output bit[5]
21
Y4
Output
Digital video output bit[4]
22
Y3
Output
Digital video output bit[3]
23
Y2
Output
Digital video output bit[2]
24
Y1
Output
Digital video output bit[1]
25
Y0
Output
Digital video output bit[0]
26
SIO_C
Input
SCCB serial interface clock
27
SIO_D
I/O
SCCB serial interface data I/O
28
NC
—
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com