Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7640 Datasheet(PDF) 13 Page - OmniVision Technologies, Inc.

Part # OV7640
Description  OV7640 Color CMOS VGA (640 x 480) CAMERACHIPTM OV7140 B&W CMOS VGA (640 x 480) CAMERACHIPTM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7640 Datasheet(HTML) 13 Page - OmniVision Technologies, Inc.

Back Button OV7640 Datasheet HTML 9Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 10Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 11Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 12Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 13Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 14Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 15Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 16Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 17Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Register Set
Version 1.3, January 15, 2003
Proprietary to OmniVision Technologies
13
Omni ision
29
COMI
34
R
Common Control I
Bit[7:2]:
Reserved
Bit[1:0]:
Device Version (Read-only)
2A
FRARH
00
RW
Output Format – Frame Rate Adjust High
Bit[7]:
Data Format – Frame Rate Adjust Enable
Bit[6:5]:
Data Format – Frame Rate Adjust Setting MSB
FRA[9:0] = MSB + LSB = FRARH[6:5] + FRARL[7:0]
Bit[4]:
A/D – UV Channel ‘2 Pixel Delay’ Enable
Note: Bit[4] is not programmable on the B&W OV7140.
Bit[3:0]:
Reserved
2B
FRARL
00
RW
Data Format – Frame Rate Adjust Setting LSB
FRA[9:0] = MSB + LSB = FRARH[6:5] + FRARL[7:0]
2C
RSVD
XX
–
Reserved
2D
COMJ
81
RW
Common Control J
Bit[7:3]:
Reserved
Bit[2]:
AEC – Band Filter Enable
Bit[1:0]:
Reserved
2E-5F
RSVD
XX
–
Reserved
60
SPCB
00
RW
Signal Process Control B
Bit[7]:
AGC – 1.5x Multiplier (Pre-amplifier) Enable
Bit[6:0]:
Reserved
61-6B
RSVD
XX
–
Reserved
6C
RMCO
00
RW
Color Matrix – RGB Crosstalk Compensation – R Channel
Note: This function is not available on the B&W OV7140.
6D
GMCO
00
RW
Color Matrix – RGB Crosstalk Compensation – G Channel
Note: This function is not available on the B&W OV7140.
6E
BMCO
00
RW
Color Matrix – RGB Crosstalk Compensation– B Channel
Note: This function is not available on the B&W OV7140.
6F-70
RSVD
XX
–
Reserved
71
COML
00
RW
Common Mode Control L
Bit[7]:
Reserved
Bit[6]:
Data Format – PCLK output gated by HREF Enable
Bit[5]:
Data Format – Output HSYNC on HREF Pin Enable
Bit[4]:
Reserved
Bit[3:2]:
Data Format – HSYNC Rising Edge Delay MSB
Bit[1:0]:
Data Format – HSYNC Falling Edge Delay MSB
72
HSDYR
10
RW
Data Format – HSYNC Rising Edge Delay LSB
HSYNCR[9:0] = MSB + LSB = COML[3:2] + HSDYR[7:0]
• Range 000 to 762 pixel delays
Table 5
SCCB Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com