Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2979 Datasheet (PDF) - STMicroelectronics

LD2979 Datasheet PDF - STMicroelectronics
Part # LD2979
Download  LD2979 Download
File Size   86.82 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT

LD2979 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD2979 Datasheet PDF - STMicroelectronics

Part # LD2979
Download  LD2979 Click to download

File Size   86.82 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT

LD2979 Datasheet (HTML) - STMicroelectronics


LD2979 Product details

DESCRIPTION
The LD2979 series are very Low Drop regulators available in SOT23-5L and TO-92.
The very low drop-voltage and the very low quiescent current make them particularly suitable for low noise, low power applications and in battery powered systems.
Shutdown Logic Control function is available on five pin version (TTL compatible). This means that when the device is used as local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption.

■ VERY LOW DROPOUT VOLTAGE (0.2V TYP. AT 50mA LOAD)
■ VERY LOW QUIESCENT CURRENT (TYP. 500µA AT50mA LOAD)
■ OUTPUT CURRENT UP TO 50 mA
■ LOGIC-CONTROLLEDELECTRONIC SHUTDOWN
■ OUTPUT VOLTAGESOF 2.85; 3.0; 3.2; 3.3; 3.8; 5.0V
■ INTERNAL CURRENT AND THERMAL LIMIT
■ SUPPLY VOLTAGE REJECTION: 63dB (TYP)
■ ONLY 1µF FOR STABILITY
■ SELECTION AT 25 °C
■ TEMPERATURE RANGE: -25 TO 125 °C
■ PACKAGE AVAILABLE:SOT23-5L AND TO-92




Similar Part No. - LD2979

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2979M30TR STMICROELECTRONICS-LD2979M30TR Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LD2979M33TR STMICROELECTRONICS-LD2979M33TR Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LD2979M38TR STMICROELECTRONICS-LD2979M38TR Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LD2979M50TR STMICROELECTRONICS-LD2979M50TR Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
More results


Similar Description - LD2979

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com