Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2979 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD2979
Description  VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2979 Datasheet(HTML) 2 Page - STMicroelectronics

  LD2979 Datasheet HTML 1Page - STMicroelectronics LD2979 Datasheet HTML 2Page - STMicroelectronics LD2979 Datasheet HTML 3Page - STMicroelectronics LD2979 Datasheet HTML 4Page - STMicroelectronics LD2979 Datasheet HTML 5Page - STMicroelectronics LD2979 Datasheet HTML 6Page - STMicroelectronics LD2979 Datasheet HTML 7Page - STMicroelectronics LD2979 Datasheet HTML 8Page - STMicroelectronics LD2979 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage
16
V
VINH
DC Inhibit Input Voltage
VIN
V
Io
Output Current
I nternally limited
mA
Ptot
Power Dissipation
I nternally limited
mW
Tstg
Storage Temperature Range
- 40 to 150
o C
Top
Operating Junction Temperature Range
- 25 to 125
o C
CONNECTION DIAGRAM (top view)
ORDERING NUMBERS
SOT23-5L
TO-92
Output Voltage
LD2979M28
LD2979M30
LD2979M32
LD2979M33
LD2979M38
LD2979M50
LD2979Z28
LD2979Z30
LD2979Z32
LD2979Z33
LD2979Z38
LD2979Z50
2.85 V
3. 0 V
3. 2 V
3. 3 V
3. 8 V
5. 0 V
SOT23-5L
TO-92
BOTTOM
VIEW
SYMBOL
NAME AND FUNCTION
PIN NUMBER
SO T23-5L
T O-92
VIN
Input Voltage
1
3
GND
Ground
2
2
I NHIBIT
Control Switch ON/OF F (*)
3
-
NC
Not to be connected
4
-
VOUT
Output Voltage
5
1
(*) Only for the version in SOT23-5L package: Inhibit pin is not internally pulled-up then it must not be left floating. Connect to a positive
voltage higher than 2V to able the device.
LD2979
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com