Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3097 Datasheet (PDF) - Cypress Semiconductor

CY3097 Datasheet PDF - Cypress Semiconductor
Part # CY3097
Download  CY3097 Download
File Size   209.33 Kbytes
Page   4 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description FTG Programming Kit

CY3097 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY3097 Datasheet PDF - Cypress Semiconductor

Part # CY3097
Download  CY3097 Click to download

File Size   209.33 Kbytes
Page   4 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description FTG Programming Kit

CY3097 Datasheet (HTML) - Cypress Semiconductor


CY3097 Product details

Functional Description
The CY2071A is a general-purpose clock synthesizer designed for use in applications such as modems, disk drives, CD-ROM drives, video CD players, games, set-top boxes, and data/telecommunications. The device offers up to three configurable clock outputs in an 8-pin, 150-mil SOIC package and can operate off either a 3.3V or 5V power supply. The on-chip reference oscillator is designed for 10 MHz to 25 MHz crystals. Alternatively, an external reference clock of frequency between 1 MHz and 30 MHz can be used.

Features
• Single phase-locked loop architecture
• EPROM programmability
• Factory-programmable (CY2071A, CY2071AI) or field-programmable (CY2071AF, CY2071AFI) device options
• Up to three configurable outputs
• Low skew, low jitter, high-accuracy outputs
• Internal loop filter
• Power management (OE)
• Frequency select options
• Configurable 5V or 3.3V operation
• 8-pin 150-mil SOIC package

Benefits
• Generates a custom frequency from an external source
• Easy customization and fast turnaround
• Programming support available for all opportunities
• Generates three related frequencies from a single device
• Meets critical industry standard timing requirements
• Alleviates the need for external components
• Supports low-power applications
• Three outputs with two user-selectable frequencies
• Supports industry standard design platforms
• Industry standard packaging saves on board space




Similar Part No. - CY3097

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3097 CYPRESS-CY3097 Datasheet
565Kb / 13P
Single-PLL General Purpose EPROM Programmable Clock Generator
More results


Similar Description - CY3097

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLXSPI-01 MELEXIS-MLXSPI-01 Datasheet
192Kb / 9P
Programming kit
logo
Cypress Semiconductor
CY3600I CYPRESS-CY3600I Datasheet
54Kb / 3P
FLASH370i??ISR??Programming Kit
CY3672 CYPRESS-CY3672 Datasheet
234Kb / 6P
PTG Programming Kit
logo
Knowles Electronics
KJ-33000-002 KNOWLES-KJ-33000-002 Datasheet
356Kb / 5P
Joystick I2C Development Kit Programming and Application Note
logo
Microchip Technology
DSC-TIMEFLASH-KIT2 MICROCHIP-DSC-TIMEFLASH-KIT2 Datasheet
45Kb / 1P
TimeFlash Oscillator Programming Kit with 2 Socket Cards
1998-2016
DSC-TIMEFLASH-KIT MICROCHIP-DSC-TIMEFLASH-KIT Datasheet
49Kb / 1P
TimeFlash Oscillator Programming Kit with 6 socket cards
1998-2016
DSC-TIMEFLASH MICROCHIP-DSC-TIMEFLASH Datasheet
51Kb / 1P
Time Flash Oscillator Programming Kit without Socket Cards
1998-2016
logo
Broadcom Corporation.
HEDS-8988 BOARDCOM-HEDS-8988 Datasheet
1Mb / 15P
Magnetic Encoder IC Programming Kit
logo
ATMEL Corporation
ATDH2200E ATMEL-ATDH2200E Datasheet
131Kb / 6P
FPGA Configurator Programming Kit (Enhanced)
logo
Maxim Integrated Produc...
DS1075K MAXIM-DS1075K Datasheet
133Kb / 1P
Oscillator Programming/ Evaluation Kit
090302
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com