Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY3097 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY3097
Description  FTG Programming Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3097 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY3097 Datasheet HTML 1Page - Cypress Semiconductor CY3097 Datasheet HTML 2Page - Cypress Semiconductor CY3097 Datasheet HTML 3Page - Cypress Semiconductor CY3097 Datasheet HTML 4Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CY3670
Document Number: 38-07410 Rev. *A
Page 2 of 4
Setup
Hardware
The CY3670 FTG Programming Kit has a very simple setup procedure. As shown in Figure 2, the two connections are the power and
the RS232 serial cable to the computer. The programmer must be connected to a PC through a serial port and must receive power
through the included AC/DC adapter. The AC/DC adapter is connected to a standard 110V/220V wall outlet. The final step is to use
the appropriate adapter for the device to be programmed.
Figure 3 on page 3 is a close up of the socket and shows the correct orientation for placing the device in the socket. The device must
be placed according to the device placement that appears on each adapter. The dots correspond to pin 1 of the device.
Figure 2. FTG Programming Kit Setup [1]
IBM Compatible
110V
220V
AC/DC
Adapter
text
ON
Busy
Cypress FTG Programmer - CY3670
Programs: CY2071AF/CY2291F/CY2292F/
CY2907F8/CY2907F14
Note
1. When plugging the AC/DC adapter into an outlet, be sure to set the 110V/220V switch to the correct setting (110V in the US) as shown on the power adapter in Figure 2.
If no switch exists, it automatically selects between 110V and 220V.
[+] Feedback



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com