Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACH-32.768KHZ-D-R-T-A Datasheet (PDF) - Abracon Corporation

ACH-32.768KHZ-D-R-T-A Datasheet PDF - Abracon Corporation
Part # ACH-32.768KHZ-D-R-T-A
Download  ACH-32.768KHZ-D-R-T-A Download
File Size   782.17 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description HALF-SIZE DIP LOW VOLTAGE 5.0V CRYSTAL CLOCK OSCILLATOR

ACH-32.768KHZ-D-R-T-A Datasheet (PDF)

Go To PDF Page Download Datasheet
ACH-32.768KHZ-D-R-T-A Datasheet PDF - Abracon Corporation

Part # ACH-32.768KHZ-D-R-T-A
Download  ACH-32.768KHZ-D-R-T-A Click to download

File Size   782.17 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description HALF-SIZE DIP LOW VOLTAGE 5.0V CRYSTAL CLOCK OSCILLATOR

ACH-32.768KHZ-D-R-T-A Datasheet (HTML) - Abracon Corporation


ACH-32.768KHZ-D-R-T-A Product details

FEATURES:
• Wide frequency range.
• HCMOS and TTL compatible.
• Tight symmetry option.
• Tri-state Enable / Disable function.

APPLICATIONS:
• Microprocessors.
• Digital circuit.




Similar Part No. - ACH-32.768KHZ-D-R-T-A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ACH-3 EATON-ACH-3 Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
ACH-30 EATON-ACH-30 Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
ACH-35 EATON-ACH-35 Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
More results


Similar Description - ACH-32.768KHZ-D-R-T-A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-51 EPSON-SG-51 Datasheet
78Kb / 2P
FULL & HALF-SIZE DIP HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Abracon Corporation
ACPE ABRACON-ACPE Datasheet
531Kb / 1P
FUNDAMENTAL FREQUENCY, LOW JITTER 5.0V or 3.3Vdc FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ASF1 ABRACON-ASF1_08 Datasheet
193Kb / 2P
5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR
1.4.08
logo
Connor-Winfield Corpora...
HC61R8R CONNOR-WINFIELD-HC61R8R Datasheet
204Kb / 2P
5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
HSM6 CONNOR-WINFIELD-HSM6 Datasheet
82Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator
HSM9 CONNOR-WINFIELD-HSM9 Datasheet
81Kb / 2P
5.0V Surface Mount Crystal Clock Oscillator
S13R8 CONNOR-WINFIELD-S13R8 Datasheet
133Kb / 1P
5.0V HCMOS/TTL COMPATIBLE14 PIN DIP CRYSTAL CLOCK OSCILLATOR
logo
Abracon Corporation
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
ACT ABRACON-ACT_15 Datasheet
806Kb / 2P
TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
AHT ABRACON-AHT Datasheet
660Kb / 2P
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com