Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RF10 Datasheet (PDF) - Texas Instruments

DAC39RF10 Datasheet PDF - Texas Instruments
Part # DAC39RF10
Download  DAC39RF10 Download
File Size   14913.5 Kbytes
Page   227 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface

DAC39RF10 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC39RF10 Datasheet PDF - Texas Instruments

Part # DAC39RF10
Download  DAC39RF10 Click to download

File Size   14913.5 Kbytes
Page   227 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface

DAC39RF10 Datasheet (HTML) - Texas Instruments


DAC39RF10 Product details

1 Features
• Radiation hardness assured DAC39RFx10-SP:
– Single event upset (SEU) immune registers
– Single-event latch up (SEL): 120MeV-cm2/mg
– RLAT Total ionizing dose (TID): 300krad (Si)
• Radiation tolerant DAC39RFx10-SEP:
– Single event upset (SEU) immune registers
– Single-event latch up (SEL): 43MeV-cm2/mg
– RLAT Total ionizing dose (TID): 30krad (Si)
• 16-bit, 10.4 or 20.8GSPS, multi-Nyquist DAC
Cores
• Maximum input data rate:
– 8-bit, Single channel, DES mode: 20.8GSPS
– 12-bit, Single channel, DES mode: 15.5GSPS
– 16-bit, Single channel: 10.4GSPS
– 8-bit, Dual channel, 10.4GSPS
– 12-bit, Dual channel: 7.75GSPS/ch
– 16-bit, Dual channel: 6.2GSPS/ch
• Output bandwidth (-3dB): 12GHz
• Performance at fOUT = 2.997GHz, DES2XL mode,
DEM/Dither off
– Noise floor (small signal): –155dBFS/Hz
– SFDR (-0.1dBFS) : 60dBc
– IMD3 (-7dBFS each tone) : –62dBc
– Additive phase noise, 10kHz offset: -138dBc/Hz
• Four Integrated digital up-converters (DUC)
– Interpolation: 1x, 2x, 3x, 4x, 6x, 8x, 12x ... 256x
– Complex baseband DUC for I/Q output
– Complex to real up conversion for dual channel
direct RF sampling
– 64-bit frequency resolution NCOs
• JESD204C Interface
– Up to 16 Lanes at up to 12.8Gbps
– Class C-S, subclass-1 Compatible
– Internal AC coupling capacitors
• SYSREF Windowing for automatic SYSREF timing
calibration
• Space screening and assurance:
– Meets ASTM E595 outgassing specification
– One fabrication, assembly, and test site
– Wafer lot traceability
– Extended product life cycle
– Radiation lot acceptance test (RLAT)
– Production burn-in (DAC39RFx10-SP only)

2 Applications
• Satellite communications (SATCOM)
• Phased array antenna systems
• Synthetic aperture radar (SAR) exciter
• Spectroscopy

3 Description
The DAC39RF10-Sx and 'RFS10-Sx are a family of
dual and single channel digital-to-analog converters
(DAC) with 16-bit resolution. The devices can be
used as non-interpolating or interpolating DACs for
either direct RF sampling or complex baseband
signal generation. The maximum input data rate is
20.8GSPS for a single channel or 10.4 GSPS for two
channels. The devices can generate signals of up to
10, 7.5, and 5GHz signal bandwidth (8, 12, and 16-
bit input resolution) at carrier frequencies exceeding
10GHz enabling direct sampling in X-band.
The high sampling rate, output frequency range, 64-
bit NCO frequency resolution and any frequency
hopping with phase coherence also makes the
DAC39RF10-Sx and 'RFS10-Sx capable of arbitrary
waveform generation (AWG) and direct digital
synthesis (DDS).
A JESD204B and JESD204C compatible serial
interface has 16 receiver pairs capable of up
to 12.8Gbps. The interface is JESD204B and
JESD204C subclass-1 compliant for deterministic
latency and multi-device synchronization through the
use of SYSREF.




Similar Part No. - DAC39RF10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
DAC39RF10 TI1-DAC39RF10 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10 Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10 Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10 Datasheet
14Mb / 226P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MARCH 2024
More results


Similar Description - DAC39RF10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12QJ1600 TI-ADC12QJ1600 Datasheet
6Mb / 156P
ADC12xJ1600 Quad, Dual, or Single Channel 1.6-GSPS, 12-Bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
SBASAE0 ??OCTOBER 2021
ADC12DJ5200-SP TI-ADC12DJ5200-SP Datasheet
8Mb / 189P
ADC12DJ5200-SP 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
REVISED JULY 2022
ADC12QJ1600-SP TI-ADC12QJ1600-SP Datasheet
6Mb / 148P
ADC12QJ1600-SP Quad Channel 1.6-GSPS, 12-Bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
JUNE 2022
DAC39RF10 TI-DAC39RF10 Datasheet
10Mb / 178P
DAC39RF10 10.24-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
MAY 2023
ADC12QJ1600-SP TI1-ADC12QJ1600-SP_V01 Datasheet
5Mb / 148P
ADC12QJ1600-SP Quad Channel 1.6-GSPS, 12-Bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
REVISED JULY 2023
ADC12DJ5200-SEP TI-ADC12DJ5200-SEP Datasheet
8Mb / 198P
ADC12DJ5200-SEP 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
OCTOBER 2023
ADC12QJ1600-SEP TI-ADC12QJ1600-SEP Datasheet
5Mb / 149P
ADC12QJ1600-SEP Quad Channel 1.6-GSPS, 12-Bit, Analog-to-Digital Converter (ADC) with JESD204C Interface
OCTOBER 2023
DAC39RF10EF TI1-DAC39RF10EF Datasheet
12Mb / 180P
DAC39RF10EF DAC39RFS10EF 10.24, 20.48GSPS, Dual and Single Channel, Multi- Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
DAC39RF10 TI1-DAC39RF10_V01 Datasheet
14Mb / 222P
DAC39RF10, DAC39RFS10 10.24, 20.48-GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B, C Interface
REVISED NOVEMBER 2023
DAC39RF12 TI1-DAC39RF12 Datasheet
14Mb / 208P
DAC39RF12, DAC39RFS12 12, 24-GSPS, 16-bit, Dual or Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204B,C Interface
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com