Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C2V2 Datasheet (PDF) - YAGEO Corporation

BZX84C2V2 Datasheet PDF - YAGEO Corporation
Part # BZX84C2V2
Download  BZX84C2V2 Download
File Size   947.93 Kbytes
Page   7 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description ZENER DIODES GENERAL VOLTAGE REGULATION

BZX84C2V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C2V2 Datasheet PDF - YAGEO Corporation

Part # BZX84C2V2
Download  BZX84C2V2 Click to download

File Size   947.93 Kbytes
Page   7 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description ZENER DIODES GENERAL VOLTAGE REGULATION

BZX84C2V2 Datasheet (HTML) - YAGEO Corporation


BZX84C2V2 Product details

Description
This series of Zener diodes is offered in the convenient, surface
mount plastic SOT-23 package. These devices are designed to
provide voltage regulation with minimum space requirement. They
are well suited for applications such as cellular phones, hand held
portables, and high density PC boards.
Features
● Zener breakdown voltage range - 2.0 V to 75 V
● Package designed for optimal automated board assembly
● Small package size for high density applications
● Halogen and Antimony Free(HAF), RoHS compliant




Similar Part No. - BZX84C2V2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BZX84C2V2 SEMTECH_ELEC-BZX84C2V2 Datasheet
229Kb / 2P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
BZX84C2V2 HTSEMI-BZX84C2V2 Datasheet
712Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Kingtronics Internation...
BZX84C2V2 KINGTRONICS-BZX84C2V2 Datasheet
403Kb / 3P
BZX84C2V0... BZX84C75 Silicon Planar Zener Diodes
logo
Suntan Capacitors
BZX84C2V2 SUNTAN-BZX84C2V2 Datasheet
136Kb / 3P
Zener breakdown voltage range - 2.0 V to 75 V
logo
KEC(Korea Electronics)
BZX84C2V2 KEC-BZX84C2V2 Datasheet
363Kb / 3P
SEMICONDUCTOR
More results


Similar Description - BZX84C2V2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1AZ330 TOSHIBA-1AZ330 Datasheet
181Kb / 3P
ZENER DIODE ( CONSTANT VOLTAGE REGULATION)
logo
KEC(Korea Electronics)
KDZ93V KEC-KDZ93V Datasheet
27Kb / 1P
ZENER DIODE CONSTANT VOLTAGE REGULATION APPLICATION
logo
Renesas Technology Corp
1N5223B RENESAS-1N5223B Datasheet
166Kb / 6P
Silicon Epitaxial Planar Zener Diodes for Voltage Regulation
logo
Rohm
KDZTR7-5B ROHM-KDZTR7-5B Datasheet
117Kb / 5P
Voltage regulation
KDZTR16B ROHM-KDZTR16B Datasheet
413Kb / 7P
Voltage regulation
VDZT2R10B ROHM-VDZT2R10B Datasheet
138Kb / 6P
Voltage regulation
logo
Microdiode Semiconducto...
MM5Z2V4 CHENDA-MM5Z2V4 Datasheet
369Kb / 4P
Zener Voltage Diodes
logo
AiT Semiconductor Inc.
M5Z15V AITSEMI-M5Z15V Datasheet
572Kb / 8P
ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
M5Z8V2 AITSEMI-M5Z8V2 Datasheet
572Kb / 8P
ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
logo
Rohm
DTZ-SERIES ROHM-DTZ-SERIES Datasheet
487Kb / 9P
ZENER DIODE Voltage Regulation
Mar,6/95
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com