Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3202-N24-R Datasheet (PDF) - Unisonic Technologies

PA3202-N24-R Datasheet PDF - Unisonic Technologies
Part # PA3202-N24-R
Download  PA3202-N24-R Download
File Size   311.66 Kbytes
Page   11 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE

PA3202-N24-R Datasheet (PDF)

Go To PDF Page Download Datasheet
PA3202-N24-R Datasheet PDF - Unisonic Technologies

Part # PA3202-N24-R
Download  PA3202-N24-R Click to download

File Size   311.66 Kbytes
Page   11 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE

PA3202-N24-R Datasheet (HTML) - Unisonic Technologies


PA3202-N24-R Product details

DESCRIPTION

The UTC PA3202 is a monolithic integrated circuit that stereo bridged audio power amplifiers capable of producing 2 W into 3Ω with a 5V supply voltage or 800mW into 3Ω with a 3.3V supply voltage .The UTC PA3202 simplifies design and frees up board space for other features. Both of the depop circuitry and the thermal shutdown protection circuitry are integrated in UTC PA3202, that reduce clicks and pops noise during power up or shutdown mode operation.



FEATURES

* Improves depop circuitry to eliminate turn-on and turn-off transients in output

* Output power:

-2W(typ.)@5V into 3Ω with 0.2% THD+N max (1kHz)

-800mW(typ.)@3.3V into 3Ω with 0.2% THD+N max (1kHz)

* Fully specified for use with 3-Ω Loads

* Stereo switchable bridged/single-ended power amplifiers

* Input MUX select terminal

* Thermal-shutdown protection

* Shutdown mode available




Similar Part No. - PA3202-N24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202G-N24-R UTC-PA3202G-N24-R Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202G-N24-R UTC-PA3202G-N24-R Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202G-N24-T UTC-PA3202G-N24-T Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202L-N24-R UTC-PA3202L-N24-R Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Similar Description - PA3202-N24-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
2-W STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
Stereo 50W Audio Power Amplifier with Mute
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
Stereo 2-W Audio Power Amplifier
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
Stereo 11W Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com