Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3202-N24-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3202-N24-R
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3202-N24-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3202-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3202-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3202-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3202-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3202-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3202-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3202-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3202-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3202-N24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA3202
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R502-106.B
2-W STEREO AUDIO POWER
AMPLIFIER WITH MUTE
DESCRIPTION
The UTC PA3202 is a monolithic integrated circuit that stereo
bridged audio power amplifiers capable of producing 2 W into 3Ω
with a 5V supply voltage or 800mW into 3Ω with a 3.3V supply
voltage .The UTC PA3202 simplifies design and frees up board
space for other features. Both of the depop circuitry and the
thermal shutdown protection circuitry are integrated in UTC
PA3202, that reduce clicks and pops noise during power up or
shutdown mode operation.
A MUX control terminal (HP/LINE) allows selection between the
two sets of stereo input signals. To simplify the audio system
design, UTC PA3202 combines a stereo bridge-tied loads
(BTL)mode for speaker drive and a stereo single-end (SE)mode for
headphone drive into a single chip, where both modes are easily
switched by the SE/BTL input control pin signal.
FEATURES
* Improves depop circuitry to eliminate turn-on and turn-off
transients in output
* Output power:
-2W(typ.)@5V into 3Ω with 0.2% THD+N max (1kHz)
-800mW(typ.)@3.3V into 3Ω with 0.2% THD+N max (1kHz)
* Fully specified for use with 3-Ω Loads
* Stereo switchable bridged/single-ended power amplifiers
* Input MUX select terminal
* Thermal-shutdown protection
* Shutdown mode available
HTSSOP-24
*Pb-free plating product number: PA3202L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
PA3202-N24-R
PA3202L-N24-R
HTSSOP-24
Tape Reel
PA3202-N24-T
PA3202L-N24-T
HTSSOP-24
Tube


Similar Part No. - PA3202-N24-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3202 UTC-PA3202 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202G-N24-R UTC-PA3202G-N24-R Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202G-N24-R UTC-PA3202G-N24-R Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202G-N24-T UTC-PA3202G-N24-T Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202L-N24-R UTC-PA3202L-N24-R Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results

Similar Description - PA3202-N24-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
Stereo 11W Audio Power Amplifier with Mute
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
2-W STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
Stereo 50W Audio Power Amplifier with Mute
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
Stereo 2-W Audio Power Amplifier
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
Stereo 11W Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com