Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C961 Datasheet (PDF) - Advanced Micro Devices

AM79C961 Datasheet PDF - Advanced Micro Devices
Part # AM79C961
Download  AM79C961 Download
File Size   1040.77 Kbytes
Page   173 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA

AM79C961 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM79C961 Datasheet PDF - Advanced Micro Devices

Part # AM79C961
Download  AM79C961 Click to download

File Size   1040.77 Kbytes
Page   173 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA

AM79C961 Datasheet (HTML) - Advanced Micro Devices


AM79C961 Product details

GENERAL DESCRIPTION
The PCnet-ISA+ controller, a single-chip Ethernet controller, is a highly integrated system solution for the PC-AT Industry Standard Architecture (ISA ) architecture. It is designed to provide flexibility and compatibility with any existing PC application. This highly integrated 132-pin VLSI device is specifically designed to reduce parts count and cost, and addresses applications where higher system throughput is desired. The PCnet-ISA+ controller is fabricated with AMD’s advanced low-power CMOS process to provide low standby current for power sensitive applications.

DISTINCTIVE CHARACTERISTICS
■ Single-chip Ethernet controller for the Industry Standard Architecture (ISA) and Extended Industry Standard Architecture (EISA) buses
■ Supports IEEE 802.3/ANSI 8802-3 and Ethernet standards
■ Direct interface to the ISA or EISA bus
■ Software compatible with AMD’s Am7990 LANCE register and descriptor architecture
■ Low power, CMOS design with sleep mode allows reduced power consumption for critical battery powered applications
■ Individual 136-byte transmit and 128-byte receive FIFOs provide packet buffering for increased system latency, and support the following features:
   — Automatic retransmission with no FIFO reload
   — Automatic receive stripping and transmit padding (individually programmable)
   — Automatic runt packet rejection
   — Automatic deletion of received collision frames
■ Dynamic transmit FCS generation programmable on a frame-by-frame basis
■ Single +5 V power supply
■ Internal/external loopback capabilities
■ Supports 8K, 16K, 32K, and 64K Boot PROMs or Flash for diskless node applications
■ Supports Microsoft’s Plug and Play System configuration for jumperless designs
■ Supports staggered AT bus drive for reduced noise and ground bounce
■ Supports 8 interrupts on chip
■ Look Ahead Packet Processing (LAPP) allows protocol analysis to begin before end of receive frame
■ Supports 4 DMA channels on chip
■ Supports 16 I/O locations
■ Supports 16 boot PROM locations
■ Provides integrated Attachment Unit Interface (AUI) and 10BASE-T transceiver with 2 modes of port selection:
   — Automatic selection of AUI or 10BASE-T
   — Software selection of AUI or 10BASE-T
■ Automatic Twisted Pair receive polarity detection and automatic correction of the receive polarity
■ Supports bus-master and shared-memory architectures to fit in any PC application
■ Supports edge and level-sensitive interrupts
■ DMA Buffer Management Unit for reduced CPU intervention which allows higher throughput by by-passing the platform DMA
■ JTAG Boundary Scan (IEEE 1149.1) test access port interface for board level production test
■ Integrated Manchester Encoder/Decoder
■ Supports the following types of network interfaces:
   — AUI to external 10BASE2, 10BASE5, 10BASE-T or 10BASE-F MAU
   — Internal 10BASE-T transceiver with Smart Squelch to Twisted Pair medium
■ Supports LANCE General Purpose Serial Interface (GPSI)
■ 132-pin PQFP package




Similar Part No. - AM79C961

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C961 PULSE-AM79C961 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A Datasheet
1Mb / 85P
PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961A AMD-AM79C961A Datasheet
2Mb / 206P
PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961AKC AMD-AM79C961AKC Datasheet
1Mb / 85P
PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961AKC AMD-AM79C961AKC Datasheet
2Mb / 206P
PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
More results


Similar Description - AM79C961

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
PCnetTM-ISA Single-Chip Ethernet Controller
AM79C961A AMD-AM79C961A Datasheet
1Mb / 85P
PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
logo
Intel Corporation
82595FX INTEL-82595FX Datasheet
643Kb / 54P
ISA BUS HIGH INTEGRATION ETHERNET CONTROLLER
82595TX INTEL-82595TX Datasheet
709Kb / 59P
ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
Crystal LAN ??ISA Ethernet Controller
logo
SMSC Corporation
91C94 SMSC-91C94 Datasheet
447Kb / 120P
ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A_01 Datasheet
2Mb / 137P
Crystal LAN TM ISA Ethernet Controller
CS8900A CIRRUS-CS8900A_07 Datasheet
2Mb / 138P
Crystal LAN ??ISA Ethernet Controller
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A_00 Datasheet
2Mb / 206P
PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
ISA/Plug & Play Super Ethernet Controller
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com