Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91C94 Datasheet (PDF) - SMSC Corporation

91C94 Datasheet PDF - SMSC Corporation
Part # 91C94
Download  91C94 Download
File Size   447.56 Kbytes
Page   120 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM

91C94 Datasheet (PDF)

Go To PDF Page Download Datasheet
91C94 Datasheet PDF - SMSC Corporation

Part # 91C94
Download  91C94 Click to download

File Size   447.56 Kbytes
Page   120 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM

91C94 Datasheet (HTML) - SMSC Corporation


91C94 Product details

GENERAL DESCRIPTION
The LAN91C94 is a VLSI Ethernet Controller that combines ISA and PCMCIA interfaces in one chip. LAN91C94 integrates all the MAC and physical layer functions, as well as the packet RAM, needed to implement a high performance 10BASE-T (twisted pair) node. For 10BASE5 (thick coax), 10BASE2 (thin coax), and 10BASE-F (fiber) implementations, the LAN91C94 interfaces to external transceivers via its AUI port. Only one additional IC is required on most applications. The LAN91C94 occupies 16 I/0 locations and no memory space except for PCMCIA attribute memory space.

FEATURES
• ISA/PCMCIA Single-Chip Ethernet Controller
• 4608 Bytes of On-Chip RAM
• Supports IEEE 802.3 (ANSI 8802-3) Ethernet Standards
• Simultasking TM - Early Transmit and Early Receive Functions
• Hardware Memory Management Unit
• Optional Configuration via Serial EEPROM Interface (Jumperless)
• Single +5V Power Supply
• Low Power CMOS Design
• 100 Pin QFP, TQFP and VTQFP Package

Bus Interface
• Direct Interface to ISA and PCMCIA with No Wait States
• Flexible Bus Interface
• 16-Bit Data and Control Paths
• Fast Access Time (40 ns)
• Pipelined Data Path
• Handles Block Word Transfers for Any Alignment
• High Performance Chained ("Back-toBack") Transmit and Receive
• Pin Compatible with LAN91C92 (in ISA mode)
• Flat Memory Structure for Low CPU Overhead
• Dynamic Memory Allocation Between Transmit and Receive
• Buffered Architecture, Insensitive to Bus Latencies (No Overruns/Underruns)
• Supports Boot PROM for Diskless ISA Applications

Network Interface
• Integrates 10BASE-T Transceiver Functions:
   - Driver and Receiver
   - Link Integrity Test
   - Receive Polarity Detection and Correction
• Integrates AUI Interface
• Implements 10 Mbps Manchester Encoding/Decoding and Clock Recovery
• Automatic Retransmission, Bad Packet Rejection, and Transmit Padding
• External and Internal Loopback Modes
• Four Direct Driven LEDs for Status/Diagnostics

Software Drivers
• Uses Certified LAN9000 Drivers Which Operate with Every Major Network Operating System
• Software Driver Compatible with LAN91C92 and LAN91C100 (100 Mbps) Controllers in ISA Mode
• Software Driver Utilizes Full Capability of 32 Bit Microprocessor




Similar Part No. - 91C94

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
logo
Bourns Electronic Solut...
91C1A-A24-A13/A15 BOURNS-91C1A-A24-A13/A15 Datasheet
345Kb / 6P
91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-A24-A13/A15L BOURNS-91C1A-A24-A13/A15L Datasheet
345Kb / 6P
91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-A24-A13/R51 BOURNS-91C1A-A24-A13/R51 Datasheet
345Kb / 6P
91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-A24-A13/R51L BOURNS-91C1A-A24-A13/R51L Datasheet
345Kb / 6P
91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
More results


Similar Description - 91C94

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
PCnetTM-ISA Single-Chip Ethernet Controller
AM79C961A AMD-AM79C961A Datasheet
1Mb / 85P
PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
logo
Intel Corporation
82595TX INTEL-82595TX Datasheet
709Kb / 59P
ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
Crystal LAN ??ISA Ethernet Controller
logo
List of Unclassifed Man...
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
LOW POWER ETHERNET PCMCIA CONTROLLER
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
FAST ETHERNET PCMCIA LAN CONTROLLER
SMC91C95 ETC1-SMC91C95 Datasheet
530Kb / 139P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
SMSC Corporation
LAN91C95 SMSC-LAN91C95 Datasheet
502Kb / 144P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A_00 Datasheet
2Mb / 206P
PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961 AMD-AM79C961 Datasheet
1Mb / 173P
PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com