Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDC6804T Datasheet (PDF) - Potens Semiconductor Corp.

PDC6804T Datasheet PDF - Potens Semiconductor Corp.
Part # PDC6804T
Download  PDC6804T Download
File Size   1092.34 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V Dual N-Channel MOSFETs

PDC6804T Datasheet (PDF)

Go To PDF Page Download Datasheet
PDC6804T Datasheet PDF - Potens Semiconductor Corp.

Part # PDC6804T
Download  PDC6804T Click to download

File Size   1092.34 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V Dual N-Channel MOSFETs

PDC6804T Datasheet (HTML) - Potens Semiconductor Corp.


PDC6804T Product details

Features
- 60V,50A, RDS(ON) =13mΩ @VGS = 10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available
- Power Tools

Applications
- Motor Drive
- LED Lighting




Similar Part No. - PDC6804T

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDC6807T POTENS-PDC6807T Datasheet
795Kb / 6P
60V Dual P-Channel MOSFETs
Ver.1.00
More results


Similar Description - PDC6804T

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6710 FS-FTK6710 Datasheet
1Mb / 6P
60V NP Dual Channel MOSFETs
FTK6960DFN56 FS-FTK6960DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6960D FS-FTK6960D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6904Z FS-FTK6904Z Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910 FS-FTK6910 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910P FS-FTK6910P Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6912I FS-FTK6912I Datasheet
895Kb / 5P
60V N-Channel MOSFETs
FTK6912T FS-FTK6912T Datasheet
800Kb / 5P
60V N-Channel MOSFETs
FTK603NP FS-FTK603NP Datasheet
498Kb / 8P
60V NP Dual Channel MOSFETs
FTK6990DFN56 FS-FTK6990DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com