Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDC6807T Datasheet (PDF) - Potens Semiconductor Corp.

PDC6807T Datasheet PDF - Potens Semiconductor Corp.
Part # PDC6807T
Download  PDC6807T Download
File Size   795.73 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V Dual P-Channel MOSFETs

PDC6807T Datasheet (PDF)

Go To PDF Page Download Datasheet
PDC6807T Datasheet PDF - Potens Semiconductor Corp.

Part # PDC6807T
Download  PDC6807T Click to download

File Size   795.73 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V Dual P-Channel MOSFETs

PDC6807T Datasheet (HTML) - Potens Semiconductor Corp.


PDC6807T Product details

Features
- -60V,-15A, RDS(ON) =68mΩ@VGS = -10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available
- Power Tools

Applications
- Motor Drive
- LED Lighting




Similar Part No. - PDC6807T

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDC6804T POTENS-PDC6804T Datasheet
1Mb / 6P
60V Dual N-Channel MOSFETs
Ver.1.02
More results


Similar Description - PDC6807T

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS69P05 BWTECH-MS69P05 Datasheet
644Kb / 6P
60V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK6710 FS-FTK6710 Datasheet
1Mb / 6P
60V NP Dual Channel MOSFETs
FTK6903D FS-FTK6903D Datasheet
808Kb / 5P
60V P-Channel MOSFETs
FTK6905P FS-FTK6905P Datasheet
973Kb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
FTK6911 FS-FTK6911 Datasheet
923Kb / 5P
60V P-Channel MOSFETs
FTK6965AP FS-FTK6965AP Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK603NP FS-FTK603NP Datasheet
498Kb / 8P
60V NP Dual Channel MOSFETs
FTK6809 FS-FTK6809 Datasheet
579Kb / 5P
60V Dual P-Channel MOSFETs
FTK6901D FS-FTK6901D Datasheet
1,004Kb / 5P
60V P-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com