Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB320S Datasheet (PDF) - Shanghai Shunye Electronics Co.,Ltd.

KMB320S Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.
Part # KMB320S
Download  KMB320S Download
File Size   1042.78 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description S I N GLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 3.0 SCHOTTKY

KMB320S Datasheet (PDF)

Go To PDF Page Download Datasheet
KMB320S Datasheet PDF - Shanghai Shunye Electronics Co.,Ltd.

Part # KMB320S
Download  KMB320S Click to download

File Size   1042.78 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.
Description S I N GLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 3.0 SCHOTTKY

KMB320S Datasheet (HTML) - Shanghai Shunye Electronics Co.,Ltd.


KMB320S Product details

Features
Schottky Brrier Chip
Low Power Loss,High Efficiency
Ideally Suited for Automatic Assembly
Surge Overload Rating to 80A Peak
Plastic Case Material has UL Flammability
Classification Rating 94V-0

Case: MB-S, molded plastic
Mechanical Data
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free Version,
· Terminals: plated leads solderable per
. MIL-STD-202, Method 208




Similar Part No. - KMB320S

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
KMB320S ZSELEC-KMB320S Datasheet
397Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Thinki Semiconductor Co...
KMB320S THINKISEMI-KMB320S Datasheet
415Kb / 3P
THINKISEMIS SCHOTTKY TYPE SINGLE PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
KMB320S-HF COMCHIP-KMB320S-HF Datasheet
469Kb / 4P
SMD Schottky Bridge Rectifiers
REV:A
More results


Similar Description - KMB320S

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
KMB12F SMC-KMB12F Datasheet
132Kb / 4P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
KMB12M DYELEC-KMB12M Datasheet
1Mb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
KMB12S DYELEC-KMB12S Datasheet
1Mb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
MB05FU DYELEC-MB05FU Datasheet
686Kb / 2P
S I N GLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB301S DYELEC-RDB301S_17 Datasheet
2Mb / 3P
SINGLE PHASE 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB301S DYELEC-UDB301S_17 Datasheet
2Mb / 3P
SINGLE PHASE 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
MB210S SHUNYE-MB210S Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
MB210S SHUNYE-MB210S_17 Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
TBS210 SHUNYE-TBS210 Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
logo
SMC Diode Solutions Co....
KMB22S SMCDIODE-KMB22S Datasheet
350Kb / 5P
SINGLE PHASE 2.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com