Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB22S Datasheet (PDF) - SMC Diode Solutions Co. LTD

KMB22S Datasheet PDF - SMC Diode Solutions Co. LTD
Part # KMB22S
Download  KMB22S Download
File Size   350.55 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SINGLE PHASE 2.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER

KMB22S Datasheet (PDF)

Go To PDF Page Download Datasheet
KMB22S Datasheet PDF - SMC Diode Solutions Co. LTD

Part # KMB22S
Download  KMB22S Click to download

File Size   350.55 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SINGLE PHASE 2.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER

KMB22S Datasheet (HTML) - SMC Diode Solutions Co. LTD


KMB22S Product details

Features
Schottky Brrier Chip
Low Power Loss,High Efficiency
Ideally Suited for Automatic Assembly
Surge Overload Rating to 50A Peak
Plastic Case Material has UL Flammability
Classification 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - KMB22S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KMB22S DYELEC-KMB22S Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
logo
Zibo Seno Electronic En...
KMB22S ZSELEC-KMB22S Datasheet
393Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Nanjing International G...
KMB22S DGNJDZ-KMB22S Datasheet
201Kb / 2P
SINGLE PHASE 2 . 0 AMP SURFACE MOUNT S C H O T T K Y BRIDGE RECTIFIER
More results


Similar Description - KMB22S

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
DB201S GWSEMI-DB201S Datasheet
66Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Nanjing International G...
DB201GS DGNJDZ-DB201GS Datasheet
152Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Sangdest Microelectroni...
KMB12F SMC-KMB12F Datasheet
132Kb / 4P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
KMB12M DYELEC-KMB12M Datasheet
1Mb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
KMB12S DYELEC-KMB12S Datasheet
1Mb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
MB210S SHUNYE-MB210S Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
MB210S SHUNYE-MB210S_17 Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
MBS210 SHUNYE-MBS210_17 Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
TBS210 SHUNYE-TBS210 Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
logo
Bytesonic Electronics C...
DB201GS BYTESONIC-DB201GS Datasheet
218Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
2014/12/3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com