Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB22S Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # KMB22S
Description  SINGLE PHASE 2.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

KMB22S Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  KMB22S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD KMB22S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD KMB22S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD KMB22S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD KMB22S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N1952, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
KMB22S
THRU
KMB220S
1
KMB22S THRU KMB220S
SINGLE PHASE 2.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
Type Number
Symbol KMB
22S
KMB
23S
KMB
24S
KMB
245S
KMB
25S
KMB
26S
KMB
28S
KMB
210S
KMB
215S
KMB
220S Unit
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VDC
20
30
40
45
50
60
80
100
150
200
V
RMS Voltage
VRMS
14
21
28
31
35
42
56
70
105
140
V
Average Rectified Output Current
(Note1)@TC=100℃
IO
2.0
A
Non-Repetitive Peak Forward
Surge Current 8.3ms Single half
sine-wave superimposed on rated
load (JEDEC Method)
IFSM
50
A
I2t Rating for fusing (t <8.3ms)
I2t
10.375
A2s
Features
Circuit Diagram
Mechanical Data
Maximum Ratings:@TA=25°C unless otherwise specified
Case: MB-S, Molded plastic
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Polarity: as marked on case
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version
Schottky Brrier Chip
Low Power Loss,High Efficiency
Ideally Suited for Automatic Assembly
Surge Overload Rating to 50A Peak
Plastic Case Material has UL Flammability
Classification 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
MB-S


Similar Part No. - KMB22S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KMB22S DYELEC-KMB22S Datasheet
1Mb / 2P
Ideally Suited for Automatic Assembly
logo
Zibo Seno Electronic En...
KMB22S ZSELEC-KMB22S Datasheet
393Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Nanjing International G...
KMB22S DGNJDZ-KMB22S Datasheet
201Kb / 2P
SINGLE PHASE 2 . 0 AMP SURFACE MOUNT S C H O T T K Y BRIDGE RECTIFIER
More results

Similar Description - KMB22S

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
DB201S GWSEMI-DB201S Datasheet
66Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Nanjing International G...
DB201GS DGNJDZ-DB201GS Datasheet
152Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Sangdest Microelectroni...
KMB12F SMC-KMB12F Datasheet
132Kb / 4P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
KMB12M DYELEC-KMB12M Datasheet
1Mb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
KMB12S DYELEC-KMB12S Datasheet
1Mb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
MB210S SHUNYE-MB210S Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
MB210S SHUNYE-MB210S_17 Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
MBS210 SHUNYE-MBS210_17 Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
TBS210 SHUNYE-TBS210 Datasheet
1Mb / 2P
SINGLE PHASE AMP SURFACE MOUNT BRIDGE RECTIFIER 2.0 SCHOTTKY
logo
Bytesonic Electronics C...
DB201GS BYTESONIC-DB201GS Datasheet
218Kb / 2P
SINGLE PHASE 2.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
2014/12/3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com