Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB22S Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # KMB22S
Description  SINGLE PHASE 2.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

KMB22S Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  KMB22S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD KMB22S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD KMB22S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD KMB22S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD KMB22S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N1952, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
KMB22S
THRU
KMB220S
2
Type Number
Symbol KMB
22S
KMB
23S
KMB
24S
KMB
245S
KMB
25S
KMB
26S
KMB
28S
KMB
210S
KMB
215S
KMB
220S Unit
Forward Voltage (per element)
@IF =2A, TA = 25°C
VF
0.55
0.70
0.85
0.90
V
Peak Reverse Current @TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.1
0.05
mA
10
5
Typical Junction Capacitance
(per leg) (Note 2)
CJ
28
pF
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal Resistance From Junction to Lead.
Electrical Characteristics:@TA=25°C unless otherwise specified
Thermal-Mechanical Specifications:
Type Number
Symbol KMB
22S
KMB
23S
KMB
24S
KMB
245S
KMB
25S
KMB
26S
KMB
28S
KMB
210S
KMB
215S
KMB
220S Unit
Typical Thermal Resistance (per leg)
(Note 3)
RθJL
16
°C/W
Operating junction temperature range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com