Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBA015N10R1SBPW Datasheet (PDF) - Renesas Technology Corp

RBA015N10R1SBPW Datasheet PDF - Renesas Technology Corp
Part # RBA015N10R1SBPW
Download  RBA015N10R1SBPW Download
File Size   492.01 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100 V - 340 A - 1.5 mΩ - TOLT for Automotive

RBA015N10R1SBPW Datasheet (PDF)

Go To PDF Page Download Datasheet
RBA015N10R1SBPW Datasheet PDF - Renesas Technology Corp

Part # RBA015N10R1SBPW
Download  RBA015N10R1SBPW Click to download

File Size   492.01 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100 V - 340 A - 1.5 mΩ - TOLT for Automotive

RBA015N10R1SBPW Datasheet (HTML) - Renesas Technology Corp


RBA015N10R1SBPW Product details

• Standard level gate drive voltage: VGS(th) = 2.0 to 4.0 V
• Super low on-state resistance: RDS(on) = 1.5 m Max.
• Low input capacitance
• Low thermal resistance
• 100% Avalanche tested
• AEC-Q101 qualified, PPAP capable
• Pb-free lead plating: RoHS compliant
• MSL1 classified according to IPC/JEDEC J-STD-020




Similar Part No. - RBA015N10R1SBPW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RBA011N08R1SBPW RENESAS-RBA011N08R1SBPW Datasheet
496Kb / 9P
80 V - 360 A - 1.06 mΩ - TOLT for Automotive
Oct.15.2025
RBA012N10R1SBPW RENESAS-RBA012N10R1SBPW Datasheet
495Kb / 9P
100 V - 350 A - 1.2 mΩ - TOLT for Automotive
Oct.22.2025
RBA013N08R1SBPW RENESAS-RBA013N08R1SBPW Datasheet
497Kb / 9P
80 V - 340 A - 1.3 mΩ - TOLT for Automotive
Oct.15.2025
RBA013N08R1SBQ4 RENESAS-RBA013N08R1SBQ4 Datasheet
462Kb / 9P
80 V - 340 A - 1.3 mΩ - TOLL for Automotive
Oct.15.2025
RBA019N10R1SBPW RENESAS-RBA019N10R1SBPW Datasheet
494Kb / 9P
100 V - 230 A - 1.9 mΩ - TOLT for Automotive
Oct.22.2025
More results


Similar Description - RBA015N10R1SBPW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1547 ONSEMI-NCP1547 Datasheet
157Kb / 13P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
logo
STMicroelectronics
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
17-Mar-2016
logo
Renesas Technology Corp
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
RJK1002DPN-A0 RENESAS-RJK1002DPN-A0 Datasheet
383Kb / 7P
N-Channel MOSFET 100 V, 70 A, 7.6 mΩ
2020.1.9
RJK1002DPP-A0 RENESAS-RJK1002DPP-A0 Datasheet
442Kb / 7P
N-Channel MOSFET 100 V, 70 A, 7.6 mΩ
2020.1.9
RJK1003DPN-A0 RENESAS-RJK1003DPN-A0 Datasheet
380Kb / 7P
N-Channel MOS FET 100 V, 50 A, 11 mΩ
2020.1.9
RJK1003DPP-A0 RENESAS-RJK1003DPP-A0 Datasheet
442Kb / 7P
N-Channel MOS FET 100 V, 50 A, 11 mΩ
2020.1.9
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com