Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDD15P15 Datasheet (PDF) - Potens Semiconductor Corp.

PDD15P15 Datasheet PDF - Potens Semiconductor Corp.
Part # PDD15P15
Download  PDD15P15 Download
File Size   1284.81 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 150V P-Channel MOSFETs

PDD15P15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDD15P15 Datasheet PDF - Potens Semiconductor Corp.

Part # PDD15P15
Download  PDD15P15 Click to download

File Size   1284.81 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 150V P-Channel MOSFETs

PDD15P15 Datasheet (HTML) - Potens Semiconductor Corp.


PDD15P15 Product details

Features
- -150V,-10A, RDS(ON) =360mΩ @VGS = -10V
- Improved dv/dt capability
- Fast switching
- Green Device Available

Applications
- Networking
- Load Switch
- LED applications




Similar Part No. - PDD15P15

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
PDD18 YUANDEAN-PDD18 Datasheet
421Kb / 2P
PoE Universal AC Adapters
PDD18-S48-01 YUANDEAN-PDD18-S48-01 Datasheet
421Kb / 2P
PoE Universal AC Adapters
More results


Similar Description - PDD15P15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
150V P-Channel MOSFET
FQA36P15 FAIRCHILD-FQA36P15_07 Datasheet
869Kb / 9P
150V P-Channel MOSFET
logo
First Silicon Co., Ltd
FTK02P15S FS-FTK02P15S Datasheet
689Kb / 5P
-150V P-Channel MOSFETs
FTK04N15 FS-FTK04N15 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15D FS-FTK30N15D Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15DFN56 FS-FTK30N15DFN56 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15P FS-FTK30N15P Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK80N15P FS-FTK80N15P Datasheet
929Kb / 5P
150V N-Channel MOSFETs
logo
FETek Technology Corp.
FKBB02P15 FETEK-FKBB02P15 Datasheet
555Kb / 5P
P-Ch 150V Fast Switching MOSFETs
Ver : B
FKS01P15 FETEK-FKS01P15 Datasheet
488Kb / 4P
P-Ch 150V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com