Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49CB04CJ Datasheet (PDF) - Diodes Incorporated

PI6C49CB04CJ Datasheet PDF - Diodes Incorporated
Part # PI6C49CB04CJ
Download  PI6C49CB04CJ Download
File Size   1180.16 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Industrial Grade low skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer

PI6C49CB04CJ Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C49CB04CJ Datasheet PDF - Diodes Incorporated

Part # PI6C49CB04CJ
Download  PI6C49CB04CJ Click to download

File Size   1180.16 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Industrial Grade low skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer

PI6C49CB04CJ Datasheet (HTML) - Diodes Incorporated


PI6C49CB04CJ Product details

Features
ÎÎLow Skew Outputs
ÎÎLow Power CMOS Technology
ÎÎOperating Voltages of 1.5V to 3.3V
ÎÎOutput Enable pin Tri-States Outputs
ÎÎ3.6V Tolerant Input Clock
ÎÎMaximum Output Frequency: 160MHz
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎFor automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
ÎÎPackaging (Pb-free & Green): 8-pin, SOIC (W)
ààSmall 8-pin SOIC(W) package saves board space

Description
The PI6C49CB04CJ is an industrial grad low-skew, 1-to-4 fanout
buffer. Guaranteed output and part-to-part skew characteristics
make the PI6C49CB04CJ ideal for clock distribution applications
that demand well-defined performance and repeatability.




Similar Part No. - PI6C49CB04CJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C49CB04CQ DIODES-PI6C49CB04CQ Datasheet
1Mb / 16P
AEC-Q100 Qualified Low Skew 1 to 4 Automotive Clock Buffer
October 2019
PI6C49CB04CQ2WEX DIODES-PI6C49CB04CQ2WEX Datasheet
1Mb / 16P
AEC-Q100 Qualified Low Skew 1 to 4 Automotive Clock Buffer
October 2019
PI6C49CB04CQ3WEX DIODES-PI6C49CB04CQ3WEX Datasheet
1Mb / 16P
AEC-Q100 Qualified Low Skew 1 to 4 Automotive Clock Buffer
October 2019
More results


Similar Description - PI6C49CB04CJ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8304 ICST-ICS8304 Datasheet
151Kb / 9P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. F SEPTEMBER 13, 2004
ICS8304I ICST-ICS8304I Datasheet
80Kb / 12P
LOW SKEW, 1-TO-4 LVCMOS / LVTTL FANOUT BUFFER
REV. B APRIL 4, 2002
logo
Pericom Semiconductor C...
PI6C49X0204B PERICOM-PI6C49X0204B Datasheet
1Mb / 9P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Diodes Incorporated
PI6C49CB02J DIODES-PI6C49CB02J Datasheet
1Mb / 8P
Industrial Grade Low-Skew, 1-to-2 LVCMOS/LVTTL Fanout Buffer
February 2021
logo
Renesas Technology Corp
8304-01 RENESAS-8304-01 Datasheet
319Kb / 11P
Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer
REVISION D 5/9/16
8304I RENESAS-8304I Datasheet
388Kb / 12P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
December 10, 2015
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
IDT6T30028 RENESAS-IDT6T30028 Datasheet
531Kb / 13P
LOW SKEW, 1-TO-4 LVCMOS/LVTTL FANOUT BUFFER
041813
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com