Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR-10 Datasheet (PDF) - List of Unclassifed Manufacturers

PR-10 Datasheet PDF - List of Unclassifed Manufacturers
Part # PR-10
Download  PR-10 Download
File Size   931.99 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description RTD Probe with Insulated Wire and Shrink-Tube Support

PR-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
PR-10 Datasheet PDF - List of Unclassifed Manufacturers

Part # PR-10
Download  PR-10 Click to download

File Size   931.99 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description RTD Probe with Insulated Wire and Shrink-Tube Support

PR-10 Datasheet (HTML) - List of Unclassifed Manufacturers


PR-10 Product details

Features
 Class A accuracy, conforming to IEC 60751
 Low temperature range: -50 to 250°C (-58 to 482°F)
 High temperature range: -50 to 450°C (-58 to 842°F)
 Extreme temperature range: -200 to 600°C (-328 to 1112°F)
 Standard probe lengths of 2, 3, 4, 6, 9, 12, 18, and 24”
 Resistance value: PT100 Ω or PT1000 Ω; 2, 3, or 4-wire
 Stripped-end standard; other terminations offered
 Dual element offered in both PT100 Ω and PT1000 Ω




Similar Part No. - PR-10

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PR-1 SYSTEMSENSOR-PR-1 Datasheet
273Kb / 2P
Multi-Voltage Conventional Relays
logo
CUI INC
PR-1135 CUI-PR-1135 Datasheet
336Kb / 3P
DC POWER RECEPTACLE
logo
CUI Devices
PR-1135 CUID-PR-1135 Datasheet
332Kb / 3P
DC POWER RECEPTACLE
11/06/2019
logo
List of Unclassifed Man...
PR-12 ETC-PR-12 Datasheet
706Kb / 1P
RTD Probe with Cast Iron Protection Head
PR-12E ETC-PR-12E Datasheet
706Kb / 1P
RTD Probe with Cast Iron Protection Head
More results


Similar Description - PR-10

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0052 MOLEXKITS-76650-0052 Datasheet
38Kb / 2P
Nylon and PVC Insulated Wire Pin
logo
List of Unclassifed Man...
WT2000 ETC2-WT2000 Datasheet
49Kb / 1P
TOOLING FOR PRE-INSULATED AND COPPER TUBE TERMINALS
logo
PANDUIT CORP.
PH14-6F-Q PANDUIT-PH14-6F-Q Datasheet
95Kb / 1P
HEAT SHRINK INSULATED FORK TERMINALS
logo
List of Unclassifed Man...
JH240 ETC1-JH240 Datasheet
215Kb / 2P
2-WIRE RTD TRANSMITTER
logo
Cyntec Co., Ltd.
CYN-8Y-001 CYNTEC-CYN-8Y-001 Datasheet
1Mb / 7P
SD50114XXX, PT RTD probe sensor
CYN-8Y-002 CYNTEC-CYN-8Y-002 Datasheet
1Mb / 5P
SD10244XXX, PT RTD probe sensor
logo
Wurth Elektronik GmbH &...
71201615 WURTH-71201615 Datasheet
276Kb / 4P
WA-HST Polyolefine Heat Shrink Tube
REVISION 001.001
logo
Lapp.
61742400 LAPP-61742400 Datasheet
104Kb / 2P
Shrink tube PROTECT
09.11.2018
logo
E+E Elektronik Ges.m.b....
EE072 EPLUSE-EE072 Datasheet
1Mb / 9P
Humidity and Temperature Probe with Digital Interface
03-2023
HTP201 EPLUSE-HTP201 Datasheet
1Mb / 9P
Humidity and Temperature Probe with Analogue Outputs
10-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com