Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEN2691 Datasheet (PDF) - Potens Semiconductor Corp.

PDEN2691 Datasheet PDF - Potens Semiconductor Corp.
Part # PDEN2691
Download  PDEN2691 Download
File Size   1169.95 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 20V P-Channel MOSFETs

PDEN2691 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDEN2691 Datasheet PDF - Potens Semiconductor Corp.

Part # PDEN2691
Download  PDEN2691 Click to download

File Size   1169.95 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 20V P-Channel MOSFETs

PDEN2691 Datasheet (HTML) - Potens Semiconductor Corp.


PDEN2691 Product details

Features
- -20V,-5.5A, RDS(ON) =30mΩ@VGS = -4.5V
- G-S ESD Diode Embedded
- Improved dv/dt capability
- Fast switching
- Green Device Available
- Notebook
- Battery Protection
- Hand-held Instruments

Applications
- Load Switch




Similar Part No. - PDEN2691

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDEN2301S POTENS-PDEN2301S Datasheet
770Kb / 5P
20V P-Channel MOSFETs
Ver.1.02
PDEN2309S POTENS-PDEN2309S Datasheet
816Kb / 5P
30V P-Channel MOSFETs
Ver.1.04
PDEN2320S POTENS-PDEN2320S Datasheet
965Kb / 5P
20V N-Channel MOSFETs
Ver.1.01
PDEN2423S POTENS-PDEN2423S Datasheet
766Kb / 5P
20V P-Channel MOSFETs
Ver.1.02
PDEN2N7002S POTENS-PDEN2N7002S Datasheet
828Kb / 5P
60V N-Channel MOSFETs
Ver.1.04
More results


Similar Description - PDEN2691

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
20V N & P-Channel PowerTrench MOSFETs
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
20V N & P-Channel PowerTrench MOSFETs
logo
Bruckewell Technology L...
MSN23P09S BWTECH-MSN23P09S Datasheet
619Kb / 6P
20V P-Channel MOSFETs
MS23P19Z BWTECH-MS23P19Z Datasheet
581Kb / 6P
20V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
20V N P Dual Channel MOSFETs
FTK2215PP FS-FTK2215PP Datasheet
1Mb / 5P
20V Dual P-Channel MOSFETs
FTK2219PP FS-FTK2219PP Datasheet
964Kb / 4P
20V Dual P Channel MOSFETs
FTK2309DFN22 FS-FTK2309DFN22 Datasheet
988Kb / 5P
20V P-Channel MOSFETs
FTK2309S FS-FTK2309S Datasheet
940Kb / 5P
20V P-Channel MOSFETs
FTK2307S FS-FTK2307S Datasheet
948Kb / 5P
20V P-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com