Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDEN2N7002S Datasheet (PDF) - Potens Semiconductor Corp.

PDEN2N7002S Datasheet PDF - Potens Semiconductor Corp.
Part # PDEN2N7002S
Download  PDEN2N7002S Download
File Size   828.26 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V N-Channel MOSFETs

PDEN2N7002S Datasheet (PDF)

Go To PDF Page Download Datasheet
PDEN2N7002S Datasheet PDF - Potens Semiconductor Corp.

Part # PDEN2N7002S
Download  PDEN2N7002S Click to download

File Size   828.26 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 60V N-Channel MOSFETs

PDEN2N7002S Datasheet (HTML) - Potens Semiconductor Corp.


PDEN2N7002S Product details

Features
- 60V,0.2A, RDS(ON) =3Ω@VGS=10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available
- G-S ESD Protection Diode Embedded
- ESD protected up to 2KV
- Power Tools

Applications
- Motor Drive
- LED Lighting




Similar Part No. - PDEN2N7002S

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDEN2301S POTENS-PDEN2301S Datasheet
770Kb / 5P
20V P-Channel MOSFETs
Ver.1.02
PDEN2309S POTENS-PDEN2309S Datasheet
816Kb / 5P
30V P-Channel MOSFETs
Ver.1.04
PDEN2320S POTENS-PDEN2320S Datasheet
965Kb / 5P
20V N-Channel MOSFETs
Ver.1.01
PDEN2423S POTENS-PDEN2423S Datasheet
766Kb / 5P
20V P-Channel MOSFETs
Ver.1.02
PDEN2691 POTENS-PDEN2691 Datasheet
1Mb / 5P
20V P-Channel MOSFETs
Ver.1.00
More results


Similar Description - PDEN2N7002S

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK6960DFN56 FS-FTK6960DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6960D FS-FTK6960D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6904Z FS-FTK6904Z Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910 FS-FTK6910 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910D FS-FTK6910D Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6910P FS-FTK6910P Datasheet
1Mb / 5P
60V N-Channel MOSFETs
FTK6912I FS-FTK6912I Datasheet
895Kb / 5P
60V N-Channel MOSFETs
FTK6912T FS-FTK6912T Datasheet
800Kb / 5P
60V N-Channel MOSFETs
FTK6964 FS-FTK6964 Datasheet
680Kb / 5P
60V N-Channel MOSFETs
FTK6990DFN56 FS-FTK6990DFN56 Datasheet
1Mb / 5P
60V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com