Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDF02N150 Datasheet (PDF) - Potens Semiconductor Corp.

PDF02N150 Datasheet PDF - Potens Semiconductor Corp.
Part # PDF02N150
Download  PDF02N150 Download
File Size   764.99 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 1500V N-Channel MOSFETs

PDF02N150 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDF02N150 Datasheet PDF - Potens Semiconductor Corp.

Part # PDF02N150
Download  PDF02N150 Click to download

File Size   764.99 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 1500V N-Channel MOSFETs

PDF02N150 Datasheet (HTML) - Potens Semiconductor Corp.


PDF02N150 Product details

Features
- 1500V,2.5A, RDS(ON) =10Ω@VGS = 10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available

Applications
- Networking
- Load Switch
- LED applications
- Quick Charger




Similar Part No. - PDF02N150

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDF016T POWERDYNAMICS-PDF016T Datasheet
378Kb / 2P
3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
PDF032T POWERDYNAMICS-PDF032T Datasheet
378Kb / 2P
3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
PDF050T POWERDYNAMICS-PDF050T Datasheet
378Kb / 2P
3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
logo
Potens Semiconductor Co...
PDF0903 POTENS-PDF0903 Datasheet
717Kb / 5P
100V P-Channel MOSFETs
Ver.1.03
PDF0904 POTENS-PDF0904 Datasheet
782Kb / 5P
100V N-Channel MOSFETs
Ver.1.00
More results


Similar Description - PDF02N150

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Hi-Sincerity Mocroelect...
HIRF630 HSMC-HIRF630 Datasheet
53Kb / 5P
N-Channel MOSFETs
HSK2474I HSMC-HSK2474I Datasheet
51Kb / 5P
N-Channel MOSFETs
HSK2474J HSMC-HSK2474J Datasheet
51Kb / 5P
N-Channel MOSFETs
logo
Samsung semiconductor
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com