Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDF150N15BH Datasheet (PDF) - Potens Semiconductor Corp.

PDF150N15BH Datasheet PDF - Potens Semiconductor Corp.
Part # PDF150N15BH
Download  PDF150N15BH Download
File Size   941.56 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 150V N-Channel MOSFETs

PDF150N15BH Datasheet (PDF)

Go To PDF Page Download Datasheet
PDF150N15BH Datasheet PDF - Potens Semiconductor Corp.

Part # PDF150N15BH
Download  PDF150N15BH Click to download

File Size   941.56 Kbytes
Page   5 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 150V N-Channel MOSFETs

PDF150N15BH Datasheet (HTML) - Potens Semiconductor Corp.


PDF150N15BH Product details

Features
- 150V, 120A, RDS(ON) =5.4mΩ@VGS = 10V
- Improved dv/dt capability
- Fast switching
- 100% EAS Guaranteed
- Green Device Available

Applications
- Networking
- Load Switch
- LED applications
- Quick Charger




Similar Part No. - PDF150N15BH

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDF100T POWERDYNAMICS-PDF100T Datasheet
378Kb / 2P
3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
logo
Potens Semiconductor Co...
PDF130ND15BH POTENS-PDF130ND15BH Datasheet
942Kb / 5P
150V N-Channel MOSFETs
Ver.2.00
More results


Similar Description - PDF150N15BH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6757 FAIRCHILD-2N6757 Datasheet
141Kb / 5P
N-Channel Power MOSFETs, 9A, 150V/200V
2N6765 FAIRCHILD-2N6765 Datasheet
142Kb / 5P
N-Channel Power MOSFETs, 30A, 150V/200V
logo
Intersil Corporation
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
logo
First Silicon Co., Ltd
FTK02P15S FS-FTK02P15S Datasheet
689Kb / 5P
-150V P-Channel MOSFETs
FTK04N15 FS-FTK04N15 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15D FS-FTK30N15D Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15DFN56 FS-FTK30N15DFN56 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15P FS-FTK30N15P Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK80N15P FS-FTK80N15P Datasheet
929Kb / 5P
150V N-Channel MOSFETs
logo
Shindengen Electric Mfg...
P32FG15SL SHINDENGEN-P32FG15SL Datasheet
1Mb / 7P
Power MOSFETs 150V, 32A, N-channel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com