Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2035H-6T-TR Datasheet (PDF) - STMicroelectronics

T2035H-6T-TR Datasheet PDF - STMicroelectronics
Part # T2035H-6T-TR
Download  T2035H-6T-TR Download
File Size   137.96 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 20 A Snubberless??TRIACs

T2035H-6T-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
T2035H-6T-TR Datasheet PDF - STMicroelectronics

Part # T2035H-6T-TR
Download  T2035H-6T-TR Click to download

File Size   137.96 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 20 A Snubberless??TRIACs

T2035H-6T-TR Datasheet (HTML) - STMicroelectronics




Similar Part No. - T2035H-6T-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2035H-600G STMICROELECTRONICS-T2035H-600G Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
T2035H-600G-RT STMICROELECTRONICS-T2035H-600G-RT Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
T2035H-600G-TR STMICROELECTRONICS-T2035H-600G-TR Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
T2035H-600GRG STMICROELECTRONICS-T2035H-600GRG Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
T2035H-600T STMICROELECTRONICS-T2035H-600T Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
More results


Similar Description - T2035H-6T-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
SNUBBERLESS TRIACS
Feb-1989
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
SNUBBERLESS TRIACS
Feb-1989
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
Snubberless high temperature 25 A Triacs
20-Jun-2006
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
Snubberless TM high temperature 16 A Triacs
31-Aug-2006
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
High temperature 16 A Snubberless™Triacs
20-Sep-2011
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
Snubberless™high temperature 30 A Triacs
20-Sep-2011
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
Snubberless high temperature 30 A Triacs
20-Sep-2011
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
SNUBBERLESS TRIACS
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
High temperature 12 A Snubberless™ Triacs
20-Sep-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com