Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM4580C Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM4580C Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM4580C
Download  NJM4580C Download
File Size   373.06 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description DUAL OPERATIONAL AMPLIFIER

NJM4580C Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM4580C Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM4580C
Download  NJM4580C Click to download

File Size   373.06 Kbytes
Page   7 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description DUAL OPERATIONAL AMPLIFIER

NJM4580C Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM4580C Product details

■ FEATURES
● Operating Voltage ±2V to ±18V
● Low Input Noise Voltage 5nV/√ Hz typ. at f=1kHz
● Gain Bandwidth Product 15MHz typ.
● Low Distortion 0.0005 typ.
● Slew Rate 5V/μs typ.
● Bipolar Technology
● Package Outline SOP8, SSOP8
● Internal ESD protection
Human body model (HBM) ±2000V typ.




Similar Part No. - NJM4580C

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4580C NJRC-NJM4580C Datasheet
372Kb / 7P
DUAL OPERATIONAL AMPLIFIER
ver. 04
NJM4580CG NJRC-NJM4580CG Datasheet
372Kb / 7P
DUAL OPERATIONAL AMPLIFIER
ver. 04
NJM4580CV NJRC-NJM4580CV Datasheet
372Kb / 7P
DUAL OPERATIONAL AMPLIFIER
ver. 04
More results


Similar Description - NJM4580C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com