Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX591 Datasheet (PDF) - Texas Instruments

OPAX591 Datasheet PDF - Texas Instruments
Part # OPAX591
Download  OPAX591 Download
File Size   1829.98 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx591 85V, Precision (100μV), Low-Power (420μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs

OPAX591 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPAX591 Datasheet PDF - Texas Instruments

Part # OPAX591
Download  OPAX591 Click to download

File Size   1829.98 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx591 85V, Precision (100μV), Low-Power (420μA), High-Slew Rate (100V/μs) Op Amps With MUX-Friendly Inputs

OPAX591 Datasheet (HTML) - Texas Instruments


OPAX591 Product details

1 Features
• Wide supply voltage range: 8V to 85V
• Low offset voltage: 100μV, max
• Low offset drift: 2μV/°C, max
• High CMRR: 130dB, min
• High PSRR: 120dB, min
• Low input bias current: 15pA, max
• Low noise: 12.9nV/√Hz at 1kHz
• Wide bandwidth: 3.75MHz at 40dB
• High slew rate: 100V/μs
• Low quiescent current: 420μA
• Rail-to-rail output
• Unity gain stable
• Mux-friendly inputs
• Thermal shutdown protection
• Small package options:
– Single: SOT23
– Dual: VSSOP, SOIC

2 Applications
• Semiconductor test
• CT & PET scanner
• Programmable DC power supply
• Source measurement unit (SMU)
• Analytical lab instrumentation
• Power analyzer
• Optical module

3 Description
The OPAx591 is a family of high precision, 85V
CMOS power amplifiers available in small, industry
standard packages.
These devices are laser trimmed to provide excellent
dc performance, including 100μV max offset, 2μV/°C
max offset drift. The high power supply and commonmode
rejection help these op amps maintain high
dc performance across different operating conditions.
Degradation of precision is minimal because of the
very low input bias current across the entire operating
voltage range.
The OPAx591 also excels in ac performance despite
the low quiescent current consumption. Proprietary
design techniques provide 100V/μs slew rate and
MUX-friendly inputs to enable fast settling of large
signals. The low broadband noise help maintain signal
fidelity across a wide frequency spectrum.
The combination of high precision, low noise, low
power, and small packages make the OPAx591 a
great choice for high voltage, space constrained
systems where power consumption and, or thermal
management is critical. Such systems include
automated test equipment requiring high voltage
and precision, power supplies requiring current or
voltage sensing, and piezo actuator driving for haptic
feedback systems.
This family of amplifiers operates over the extended
industrial temperature range of –40°C to +125°C.




Similar Part No. - OPAX591

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX593 TI1-OPAX593 Datasheet
2Mb / 34P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With Mux-Friendly Inputs
FEBRUARY 2025
OPAX593 TI2-OPAX593 Datasheet
2Mb / 38P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
REVISED DECEMBER 2025
OPAX593 TI2-OPAX593 Datasheet
3Mb / 43P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With MUX-Friendly Inputs
REVISED DECEMBER 2025
OPAX596 TI1-OPAX596 Datasheet
1Mb / 27P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With Mux-Friendly Inputs
JUNE 2024
OPAX596 TI1-OPAX596 Datasheet
2Mb / 34P
OPAx596 High-Voltage (85V), Low-Power (420μA), High-Slew Rate (100V/μs) Power Amplifier With Mux-Friendly Inputs
FEBRUARY 2025
More results


Similar Description - OPAX591

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE538 PHILIPS-NE538 Datasheet
178Kb / 7P
High Slew Rate Op Amp
)ctober 7 1987
logo
AUK corp
S4560 AUK-S4560 Datasheet
299Kb / 4P
Dual high slew rate OP AMP
S4560P AUK-S4560P Datasheet
304Kb / 3P
Dual high slew rate OP AMP
logo
NXP Semiconductors
NE5535 PHILIPS-NE5535 Datasheet
499Kb / 9P
Dual High Slew Rate Op Amp
January 15 1988
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
logo
KODENSHI_AUK CORP.
S4560P KODENSHI-S4560P Datasheet
103Kb / 4P
Dual high slew rate OP AMP
SN4560 KODENSHI-SN4560 Datasheet
149Kb / 5P
Dual high slew rate OP AMP
logo
Texas Instruments
OPA182 TI-OPA182 Datasheet
3Mb / 43P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
DECEMBER 2021
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
High-Voltage, Precision, Low-Power Op Amps
2017
logo
Texas Instruments
OPA182 TI-OPA182_V01 Datasheet
3Mb / 47P
OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
REVISED AUGUST 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com