Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP254A Datasheet (PDF) - International Rectifier

IRFP254A Datasheet PDF - International Rectifier
Part # IRFP254A
Download  IRFP254A Download
File Size   247.49 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description $GYDQFHG 3RZHU 026)(7

IRFP254A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP254A Datasheet PDF - International Rectifier

Part # IRFP254A
Download  IRFP254A Click to download

File Size   247.49 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description $GYDQFHG 3RZHU 026)(7

IRFP254A Datasheet (HTML) - International Rectifier


IRFP254A Product details

FEATURES
♦ Avalanche Rugged Technology
♦ Rugged Gate Oxide Technology
♦ Lower Input Capacitance
♦ Improved Gate Charge
♦ Extended Safe Operating Area
♦ Lower Leakage Current: 10µA (Max.) @ VDS = 250V
♦ Low RDS(ON): 0.108Ω (Typ.)




Similar Part No. - IRFP254A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFP254A ISC-IRFP254A Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IRFP254A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0475310001 MOLEX6-0475310001 Datasheet
120Kb / 3P
2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), without Mylar, 4 Circuits
0475900001 MOLEX6-0475900001 Datasheet
137Kb / 3P
0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Top Mount, SMT, Lead Free
0475310011 MOLEX6-0475310011 Datasheet
114Kb / 3P
2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), with Mylar, 4 Circuits
0475890001 MOLEX6-0475890001 Datasheet
145Kb / 3P
0.65mm (.026") Pitch Micro-USB AB Receptacle, Right Angle, Bottom Mount, SMT, Lead Free
0473460001 MOLEX6-0473460001 Datasheet
114Kb / 3P
0.65mm (.026") Pitch Micro-USB B Receptacle, Bottom Mount, SMT, Lead Free
1050170001 MOLEX11-1050170001 Datasheet
143Kb / 3P
0.65mm (.026") Pitch Micro-USB B Receptacle
logo
CTS Corporation
026T419S101A1A1 CTS-026T419S101A1A1 Datasheet
2Mb / 4P
Series 026 Data Sheet Rotary Potentiometer
logo
Fairchild Semiconductor
IRLR110ATF FAIRCHILD-IRLR110ATF Datasheet
246Kb / 9P
$GYDQFHG 3RZHU 026)(7
logo
Vishay Siliconix
CHPFR VISHAY-CHPFR Datasheet
111Kb / 7P
ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
19-Nov-14
CHPHR VISHAY-CHPHR Datasheet
112Kb / 7P
ESCC 4001/026 Qualified High Stability Thick Film Resistor Chips
19-Nov-14
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com