Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP254A Datasheet(PDF) 2 Page - International Rectifier

Part # IRFP254A
Description  $GYDQFHG 3RZHU 026)(7
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP254A Datasheet(HTML) 2 Page - International Rectifier

  IRFP254A Datasheet HTML 1Page - International Rectifier IRFP254A Datasheet HTML 2Page - International Rectifier IRFP254A Datasheet HTML 3Page - International Rectifier IRFP254A Datasheet HTML 4Page - International Rectifier IRFP254A Datasheet HTML 5Page - International Rectifier IRFP254A Datasheet HTML 6Page - International Rectifier IRFP254A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1&+$11(/
32:(5 026)(7
Electrical Characteristics (T
C=25°C unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain ( Miller ) Charge
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Qg
Qgs
Qgd
BVDSS
∆BV/∆T
J
VGS(th)
RDS(on)
IGSS
IDSS
V
V/
°C
V
nA
µA
Ω
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
VGS=0V,ID=250µA
ID=250µA
See Fig 7
VDS=5V,ID=250µA
VGS=30V
VGS=-30V
VDS=250V
VDS=200V,TC=125°C
VGS=10V,ID=12.5A
(4)
VDS=40V,ID=12.5A
(4)
VDD=125V,ID=25A,
RG=5.3Ω
See Fig 13
(4) (5)
VDS=200V,VGS=10V,
ID=25A
See Fig 6 & Fig 12 (4) (5)
Drain-to-Source Leakage Current
VGS=0V,VDS=25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
(1)
Diode Forward Voltage
(4)
Reverse Recovery Time
Reverse Recovery Charge
IS
ISM
VSD
trr
Qrr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
µC
Integral reverse pn-diode
in the MOSFET
TJ=25°C,IS=25A,VGS=0V
TJ=25°C,IF=25A
diF/dt=100A/µs
(4)
IRFP254A
250
--
2.0
--
--
--
--
--
0.27
--
--
--
--
--
345
155
21
20
86
40
88
16
35.6
--
--
4.0
100
-100
10
100
0.14
--
3000
400
180
60
60
190
100
114
--
--
17.45
2300
--
--
--
255
2.3
25
100
1.5
--
--
Notes;
(1) Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
(2) L=2mH, I
AS=25A, VDD=50V, RG=27Ω, Starting TJ =25°C
(3) I
SD ≤ 25A, di/dt ≤ 300A/µs, VDD ≤ BVDSS , Starting TJ =25°C
(4) Pulse Test: Pulse Width = 250
µs, Duty Cycle ≤ 2%
(5) Essentially Independent of Operating Temperature
©1999 Fairchild Semiconductor Corporation
Rev. B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com