Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2841 Datasheet (PDF) - VISATON GmbH & Co. KG

2841 Datasheet PDF - VISATON GmbH & Co. KG
Part # 2841
Download  2841 Download
File Size   161.07 Kbytes
Page   2 Pages
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG
Description K 40 - 50 Ohm

2841 Datasheet (PDF)

Go To PDF Page Download Datasheet
2841 Datasheet PDF - VISATON GmbH & Co. KG

Part # 2841
Download  2841 Click to download

File Size   161.07 Kbytes
Page   2 Pages
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG
Description K 40 - 50 Ohm

2841 Datasheet (HTML) - VISATON GmbH & Co. KG


2841 Product details

Typical applications
Voice and signal output in machines and other equipment both indoors and outdoors




Similar Part No. - 2841

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2841 KR-2841 Datasheet
371Kb / 2P
286 MHz surface mount bandpass filter
logo
Heyco.
2841 HEYCO-2841 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Alpha Wire
2841/1 ALPHAWIRE-2841/1 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
2841/7 ALPHAWIRE-2841/7 Datasheet
98Kb / 4P
Customer Specification
2/23/2023
logo
STEGO Elektrotechnik Gm...
28410.0-00 STEGO-28410.0-00 Datasheet
1Mb / 1P
VENTILATION CABLE GLAND
15.09.2023
More results


Similar Description - 2841

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144E PHILIPS-PDTC144E Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
PUMD15 PHILIPS-PUMD15 Datasheet
61Kb / 10P
NPN/PNP resistor-equipped transistors : R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
Rev. 02-25 April 2005
PDTA143E PHILIPS-PDTA143E Datasheet
91Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
2004 Aug 04
PDTC123E PHILIPS-PDTC123E Datasheet
91Kb / 14P
NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
2004 Aug 06
PDTC123Y PHILIPS-PDTC123Y Datasheet
79Kb / 11P
NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 10 k-ohm
Rev. 03-24 March 2005
PDTC124E PHILIPS-PDTC124E Datasheet
91Kb / 14P
NPN resistor-equipped transistors; R1 = 22 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC144W PHILIPS-PDTC144W Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTD113E PHILIPS-PDTD113E Datasheet
67Kb / 10P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k-ohm, R2 = 1 k-ohm
Rev. 01-14 April 2005
PEMB17 PHILIPS-PEMB17 Datasheet
59Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
Rev. 02-3 February 2005
PEMH20 PHILIPS-PEMH20 Datasheet
52Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com