Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2841 Datasheet(PDF) 2 Page - VISATON GmbH & Co. KG

Part # 2841
Description  K 40 - 50 Ohm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISATON [VISATON GmbH & Co. KG]
Direct Link  https://www.visaton.de/en
Logo VISATON - VISATON GmbH & Co. KG

2841 Datasheet(HTML) 2 Page - VISATON GmbH & Co. KG

  2841 Datasheet HTML 1Page - VISATON GmbH & Co. KG 2841 Datasheet HTML 2Page - VISATON GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Kleinlautsprecher / Miniature Speakers
14.06.2013
VISATON GmbH • Ohligser Straße 29-31 • D-42781 Haan • Tel.: 02129/552-0 • Fax 02129/552-10 • E-Mail: visaton@visaton.com
Nennbelastbarkeit
Rated power
1 W
Musikbelastbarkeit
Maximum power
2 W
Nennimpedanz Z
Nominal impedance Z
50 Ohm
Übertragungsbereich
Frequency response
350–6000 Hz
Mittlerer Schalldruckpegel
Mean sound pressure level
83 dB (1 W/1 m)
Resonanzfrequenz fs
Resonance frequency fs
520 Hz
Schwingspulendurchmesser
Voice coil diameter
13,5 mm
Wickelhöhe
Height of winding
1,8 mm
Schallwandöffnung
Cutout diameter
36,5 mm
Gewicht netto
Net weight
0,01 kg
Schutzklasse
Protective system
IP 65 *)
Temperaturbereich
Temperature range
–25 ... 70 °C
Technische Daten / Technical data
K 40 - 50 Ohm
Art. No. 2841



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com