Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30C4AB Datasheet (PDF) - StarTech.com Ltd.

HB30C4AB Datasheet PDF - StarTech.com Ltd.
Part # HB30C4AB
Download  HB30C4AB Download
File Size   172.9 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4-Port USB-C Hub - USB-C to 4x USB-A - USB 3.0 Hub - Bus Powered

HB30C4AB Datasheet (PDF)

Go To PDF Page Download Datasheet
HB30C4AB Datasheet PDF - StarTech.com Ltd.

Part # HB30C4AB
Download  HB30C4AB Click to download

File Size   172.9 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4-Port USB-C Hub - USB-C to 4x USB-A - USB 3.0 Hub - Bus Powered

HB30C4AB Datasheet (HTML) - StarTech.com Ltd.


HB30C4AB Product details

Applications
• Turn your computer’s USB-C port into four USB 3.0 Type-A ports
• Carry the hub with you while you're traveling, and connect your USB devices wherever you go
• Perfect for home, office, hot-desk, BYOD (Bring Your Own Device), and CYOD (Choose Your Own Device) environments
• Ideal for desktop, laptop, Ultrabook, Chromebook Pixel, and MacBook users who don’t have enough USB 3.0 ports available

Features
• A cost-effective way to add four USB-A ports to your computer through a USB-C port
• A small-footprint design that’s lightweight and compact, for maximum portability
• USB bus-powered for use with the most common devices, with no external power required for most use cases
• Built-in USB Type-C cable for less clutter
• Universal, multi-platform compatible, with fast and easy installation, and native support in most operating systems (Windows, Mac, Chrome OS, Linux)
• Plug-and-play, and supports hot-swapping or hot-plugging
• Integrated cable features a small and reversible USB-C connector, and it’s Thunderbolt 3 data port compatible
• Backward compatible, for use with your older USB 3.0 and 2.0 devices
• Dongle-style USB hub provides three SuperSpeed USB 3.0 (USB 3.1 Gen 1) ports, with throughput support up to 5Gbps




Similar Part No. - HB30C4AB

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
HB300 DATEL-HB300 Datasheet
1Mb / 18P
HB300 Series of Half-Brick
HB300113S48-6.25 DATEL-HB300113S48-6.25 Datasheet
1Mb / 18P
HB300 Series of Half-Brick
HB300S12-25 DATEL-HB300S12-25 Datasheet
135Kb / 1P
Half-Brick, 300-Watt, 12 Volts Output
HB300S12-25 DATEL-HB300S12-25 Datasheet
1Mb / 18P
HB300 Series of Half-Brick
HB300S24-12.5 DATEL-HB300S24-12.5 Datasheet
136Kb / 1P
Half-Brick, 300-Watt, 24 Volts Output
More results


Similar Description - HB30C4AB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
logo
Tripp Lite. All Rights ...
U360412 TRIPPLITE-U360412 Datasheet
498Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
U360004R TRIPPLITE-U360004R Datasheet
492Kb / 2P
4-Port USB 3.0 SuperSpeed Hub
U360-412 TRIPPLITE-U360-412 Datasheet
511Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
logo
Texas Instruments
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
logo
Tripp Lite. All Rights ...
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
4-port USB 3.0 hub
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com