Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30C4AFPD Datasheet (PDF) - StarTech.com Ltd.

HB30C4AFPD Datasheet PDF - StarTech.com Ltd.
Part # HB30C4AFPD
Download  HB30C4AFPD Download
File Size   60.46 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub with 4 USB Type-A Ports (USB 3.0 SuperSpeed 5Gbps) - 60W Power Delivery Passthrough Charging - USB 3.1 Gen 1/USB 3.2 Gen 1 Laptop Hub Adapter - MacBook, Dell

HB30C4AFPD Datasheet (PDF)

Go To PDF Page Download Datasheet
HB30C4AFPD Datasheet PDF - StarTech.com Ltd.

Part # HB30C4AFPD
Download  HB30C4AFPD Click to download

File Size   60.46 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 4 Port USB C Hub with 4 USB Type-A Ports (USB 3.0 SuperSpeed 5Gbps) - 60W Power Delivery Passthrough Charging - USB 3.1 Gen 1/USB 3.2 Gen 1 Laptop Hub Adapter - MacBook, Dell

HB30C4AFPD Datasheet (HTML) - StarTech.com Ltd.


HB30C4AFPD Product details

Applications
• Carry the hub with you while you're traveling, to connect virtually any USB peripheral to your laptop wherever you go
• Power both the hub and your laptop simultaneously, using your laptop’s USB-C based power adapter
• Use the USB-C port on your port-limited laptop, Ultrabook, Chromebook Pixel, or MacBook to expand your
connection options by adding extra USB-A ports

Features
• USB-C to USB-A HUB WITH POWER DELIVERY: USB 5Gbps Type-C host to 4x USB-A ports w/ this USB 3.0
SuperSpeed 5Gbps (USB 3.1 Gen 1/USB 3.2 Gen 1) hub; 60W Power Delivery (PD) Passthrough charging
• POWER AND CHARGE YOUR LAPTOP: With Power Delivery 2.0 pass-through (up to 60W) power & charge laptop
and this hub when used w/ your USB-C laptop power adapter; 7.4W reserved for hub/downstream ports
• COMPACT & PORTABLE: A light weight hub with durable plastic housing; 5.9 in (15 cm) attached USB-C host
cable and small form factor housing [3.7 in (93 mm) x 1.6 in (40 mm) x 0.4 in (1.1 cm)]
• WIDE OPERATING SYSTEM COMPATIBILITY: Automatic install, driverless setup & supports major operating
systems including Windows, macOS, Linux, iPadOS, Chrome OS and Android; Works w/ USB 2.0/1.1
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years; This 4 Port USB C Hub is backed for
2-years by StarTech.com, including free 24/5 North America based multi-lingual tech support




Similar Part No. - HB30C4AFPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB30C4AB STARTECH-HB30C4AB Datasheet
172Kb / 5P
4-Port USB-C Hub - USB-C to 4x USB-A - USB 3.0 Hub - Bus Powered
More results


Similar Description - HB30C4AFPD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-DU-C TRIPPLITE-U444-06N-DU-C Datasheet
512Kb / 2P
USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-VU-C TRIPPLITE-U444-06N-VU-C Datasheet
514Kb / 2P
USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U460-ST4-4A-C TRIPPLITE-U460-ST4-4A-C Datasheet
174Kb / 3P
4-Port USB-C Hub with Laptop Stand - USB 3.2 Gen 1, 4 USB-A Ports, Thunderbolt 3, 100W PD Charging, Silver
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com