Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30C4AFPD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # HB30C4AFPD
Description  4 Port USB C Hub with 4 USB Type-A Ports (USB 3.0 SuperSpeed 5Gbps) - 60W Power Delivery Passthrough Charging - USB 3.1 Gen 1/USB 3.2 Gen 1 Laptop Hub Adapter - MacBook, Dell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB30C4AFPD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  HB30C4AFPD Datasheet HTML 1Page - StarTech.com Ltd. HB30C4AFPD Datasheet HTML 2Page - StarTech.com Ltd. HB30C4AFPD Datasheet HTML 3Page - StarTech.com Ltd. HB30C4AFPD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4 Port USB C Hub with 4 USB Type-A Ports (USB 3.0 SuperSpeed 5Gbps) - 60W Power Delivery
Passthrough Charging - USB 3.1 Gen 1/USB 3.2 Gen 1 Laptop Hub Adapter - MacBook, Dell
Product ID: HB30C4AFPD
This compact USB 3.0 hub lets you add four USB-A ports to your laptop, with support for USB power delivery. This
means that you can power and charge your laptop through its USB-C port while simultaneously powering the hub.
With its integrated USB Type-C cable and small-footprint design, this versatile hub offers a perfectly portable solution
for connecting devices that require traditional USB Type-A ports to your USB-C or Thunderbolt 3 equipped computer.
With its compact and rugged design, you can take this portable USB 3.0 hub anywhere you go. Because it’s so
compact, it’s easy to tuck into your laptop bag and only takes up a small amount of desk space when you connect it
to your workstation. For portable applications, having the integrated host (USB-C) cable means one less thing to
remember to carry with you.
This USB-C 3.0 hub supports USB Power Delivery 2.0 pass-through up to 60W to power and charge your laptop.
Now, instead of carrying multiple cables and power adapters, you can use your laptop’s USB-C power adapter to
power both your laptop and the hub. By using just a single power adapter instead of two, you can eliminate clutter
and hassle when you work.
This USB hub is multi-platform compatible, which means it will work with a wide range of USB-C laptops that use a
USB-C power adapter. It also works with a range of operating systems such as Windows, macOS, Linux and Chrome
OS. It installs automatically once you connect it to your laptop, so you can be up and running in seconds.
The HB30C4AFPD is backed by a StarTech.com 2-year warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Carry the hub with you while you're traveling, to connect virtually any USB peripheral to your laptop wherever you go


Similar Part No. - HB30C4AFPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB30C4AB STARTECH-HB30C4AB Datasheet
172Kb / 5P
4-Port USB-C Hub - USB-C to 4x USB-A - USB 3.0 Hub - Bus Powered
More results

Similar Description - HB30C4AFPD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-DU-C TRIPPLITE-U444-06N-DU-C Datasheet
512Kb / 2P
USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-VU-C TRIPPLITE-U444-06N-VU-C Datasheet
514Kb / 2P
USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
U460-ST4-4A-C TRIPPLITE-U460-ST4-4A-C Datasheet
174Kb / 3P
4-Port USB-C Hub with Laptop Stand - USB 3.2 Gen 1, 4 USB-A Ports, Thunderbolt 3, 100W PD Charging, Silver
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com