Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30C4AFPD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # HB30C4AFPD
Description  4 Port USB C Hub with 4 USB Type-A Ports (USB 3.0 SuperSpeed 5Gbps) - 60W Power Delivery Passthrough Charging - USB 3.1 Gen 1/USB 3.2 Gen 1 Laptop Hub Adapter - MacBook, Dell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB30C4AFPD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  HB30C4AFPD Datasheet HTML 1Page - StarTech.com Ltd. HB30C4AFPD Datasheet HTML 2Page - StarTech.com Ltd. HB30C4AFPD Datasheet HTML 3Page - StarTech.com Ltd. HB30C4AFPD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Maximum Data Transfer
Rate
5 Gbps
Type and Rate
USB 3.0 - 5 Gbit/s
Connector(s)
Connector Type(s)
USB Type-C (24 pin) USB 3.0 (5Gbps)
USB Type-A (9 pin) USB 3.0 (5 Gbps)
USB Type-C (24 pin) USB 3.0 (5Gbps)
Software
OS Compatibility
OS Independent; No additional drivers or software required
Special Notes /
Requirements
System and Cable
Requirements
Available USB Type-C port - USB 3.0 (5Gbps) (to ensure the hub
powers and charges you laptop, your host laptop's USB-C port must
support USB Power Delivery 2.0)
Optional: USB-C power adapter (for example, your laptop’s USB-C
based power adapter)
Note
The hub's USB-C port is for USB Power Delivery only. It does not
support DisplayPort alt mode, or data transfers.
Not all USB-C ports support the full functionality of the USB Type-C
standard. Ensure that your host laptop's USB-C port supports USB
Power Delivery 2.0
The hub can connect to a host laptop’s USB-C port that doesn’t
support USB Power Delivery 2.0. However, in this configuration if a
power adapter is connected to the hub, it will not pass power through
to your host laptop.
USB 3.0 is also known as USB 3.1 Gen 1; this connectivity standard
offers speeds up to 5Gbps.
Power
Power Source
USB-Powered
Power Delivery
60W
Environmental
Operating Temperature
0C to 45C (32F to 113F)
Storage Temperature
-10C to 70C (14F to 158F)
Humidity
10~90% RH (Non-Condensing)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com