Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30C4AFPD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # HB30C4AFPD
Description  4 Port USB C Hub with 4 USB Type-A Ports (USB 3.0 SuperSpeed 5Gbps) - 60W Power Delivery Passthrough Charging - USB 3.1 Gen 1/USB 3.2 Gen 1 Laptop Hub Adapter - MacBook, Dell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB30C4AFPD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  HB30C4AFPD Datasheet HTML 1Page - StarTech.com Ltd. HB30C4AFPD Datasheet HTML 2Page - StarTech.com Ltd. HB30C4AFPD Datasheet HTML 3Page - StarTech.com Ltd. HB30C4AFPD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• Power both the hub and your laptop simultaneously, using your laptop’s USB-C based power adapter
• Use the USB-C port on your port-limited laptop, Ultrabook, Chromebook Pixel, or MacBook to expand your
connection options by adding extra USB-A ports
Features
• USB-C to USB-A HUB WITH POWER DELIVERY: USB 5Gbps Type-C host to 4x USB-A ports w/ this USB 3.0
SuperSpeed 5Gbps (USB 3.1 Gen 1/USB 3.2 Gen 1) hub; 60W Power Delivery (PD) Passthrough charging
• POWER AND CHARGE YOUR LAPTOP: With Power Delivery 2.0 pass-through (up to 60W) power & charge laptop
and this hub when used w/ your USB-C laptop power adapter; 7.4W reserved for hub/downstream ports
• COMPACT & PORTABLE: A light weight hub with durable plastic housing; 5.9 in (15 cm) attached USB-C host
cable and small form factor housing [3.7 in (93 mm) x 1.6 in (40 mm) x 0.4 in (1.1 cm)]
• WIDE OPERATING SYSTEM COMPATIBILITY: Automatic install, driverless setup & supports major operating
systems including Windows, macOS, Linux, iPadOS, Chrome OS and Android; Works w/ USB 2.0/1.1
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years; This 4 Port USB C Hub is backed for
2-years by StarTech.com, including free 24/5 North America based multi-lingual tech support
Prominence
Warranty
2 Years
Description CDW 75 - 1st
Line
StarTech.com 4 Port USB C Hub to 4x USB Type-A 5Gbps - 60W PD
Passthrough
Hardware
USB-C Device Port(s)
USB Power Delivery
USB-C Host Connection
Yes
Fast-Charge Port(s)
No
Ports
4
Interface
USB 3.0
Bus Type
USB 3.0
Industry Standards
USB 3.0 - Backward compatible with USB 2.0 and 1.1
Chipset ID
VIA/VLI - VL100
VIA/VLI - VL813
Performance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com