Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W160FBT80ZASE Datasheet (PDF) - Numonyx B.V

M29W160FBT80ZASE Datasheet PDF - Numonyx B.V
Part # M29W160FBT80ZASE
Download  M29W160FBT80ZASE Download
File Size   1068.7 Kbytes
Page   57 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory

M29W160FBT80ZASE Datasheet (PDF)

Go To PDF Page Download Datasheet
M29W160FBT80ZASE Datasheet PDF - Numonyx B.V

Part # M29W160FBT80ZASE
Download  M29W160FBT80ZASE Click to download

File Size   1068.7 Kbytes
Page   57 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory

M29W160FBT80ZASE Datasheet (HTML) - Numonyx B.V


M29W160FBT80ZASE Product details

Description

The M29W160FT/B and M29W320FT/B are 16 Mbit (2 Mb x 8 or 1 Mb x 16) and 32 Mbit (4 Mb x 8 or 2 Mb x 16) non-volatile memories, respectively. They can be read, erased and reprogrammed. These operations can be performed using a single low voltage supply (2.5 to 3.6 V or 2.7 to 3.6 V for access time of 80 ns and 70 ns, respectively). On power-up the memory defaults to its Read mode where it can be read in the same way as a ROM or EPROM.

The memory is divided into blocks that can be erased independently so it is possible to preserve valid data while old data is erased. Each block can be protected independently to prevent accidental Program or Erase commands from modifying the memory. Program and Erase commands are written to the command interface of the memory. An on-chip Program/Erase controller simplifies the process of programming or erasing the memory by taking care of all of the special operations that are required to update the memory contents.

The end of a program or erase operation can be detected and any error conditions identified. The command set required to control the memory is consistent with JEDEC standards.



Features

■ Supply voltage

   – VCC = 2.5 V to 3.6 V (access time: 80 ns) or 2.7 to 3.6 V (access time: 70 ns) for Program, Erase and Read

   – VPP = 12 V for Fast Program (optional, available in the M29W320FT/B only)

■ Access time: 70, 80 ns

■ Programming time

   – 10 µs per byte/word typical

■ Memory organization:

   – M29W160FT/B: 35 blocks including 1 boot block (top or bottom location), 2 parameter blocks and 32 main blocks

   – M29W320FT: 67 blocks including 1 boot block (top or bottom location), 2 parameter blocks and 64 main blocks

■ Program/Erase controller

   – Embedded byte/word program algorithms

■ Erase Suspend and Resume modes

   – Read and Program another block during Erase Suspend

■ Unlock Bypass Program command

   – Faster production/batch programming

■ VPP/WP pin for Fast program and Write Protect (available in the M29W320FT/B only)

■ Temporary block unprotection mode

■ Common Flash interface

   – 64 bit security code

■ Low power consumption

   – Standby and Automatic Standby

■ 100,000 Program/Erase cycles per block

■ Electronic signature

   – Manufacturer code: 0020h

   – Top device codes

         M29W160FT: 22C4h

         M29W320FT: 22CAh

   – Bottom device codes

         M29W160FB: 2249h

         M29W320FB: 22CBh

■ Automotive device grade 3:

   – Temperature: –40 to 125 °C

   – Automotive grade certified

■ TSOP48 package is ECOPACK®



 




Similar Part No. - M29W160FBT80ZASE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W160 STMICROELECTRONICS-M29W160 Datasheet
170Kb / 25P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
09-Feb-2000
M29W160BB STMICROELECTRONICS-M29W160BB Datasheet
170Kb / 25P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
09-Feb-2000
M29W160BB120M1T STMICROELECTRONICS-M29W160BB120M1T Datasheet
170Kb / 25P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
09-Feb-2000
M29W160BB120M6T STMICROELECTRONICS-M29W160BB120M6T Datasheet
170Kb / 25P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
09-Feb-2000
M29W160BB120N1T STMICROELECTRONICS-M29W160BB120N1T Datasheet
170Kb / 25P
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
09-Feb-2000
More results


Similar Description - M29W160FBT80ZASE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
07-Aug-2007
logo
Numonyx B.V
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com