Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DBS16212A Datasheet (PDF) - Diodes Incorporated

PI2DBS16212A Datasheet PDF - Diodes Incorporated
Part # PI2DBS16212A
Download  PI2DBS16212A Download
File Size   617.18 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V, 20Gbps 2-Channel 2:1 Mux/De-Mux Switch

PI2DBS16212A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI2DBS16212A Datasheet PDF - Diodes Incorporated

Part # PI2DBS16212A
Download  PI2DBS16212A Click to download

File Size   617.18 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.8V, 20Gbps 2-Channel 2:1 Mux/De-Mux Switch

PI2DBS16212A Datasheet (HTML) - Diodes Incorporated


PI2DBS16212A Product details

Features
ÎÎ2 Differential Channel, 2:1 Mux/DeMux
ÎÎSupport data rate up to 20Gbps
ÎÎBi-directional operation
ÎÎ-3dB bandwith: 14 GHz
ÎÎLow Bit-to-Bit Skew, 3ps
ÎÎLow channel-to-channel skew, 20ps
ÎÎLow insertion loss: -0.94dB@5GHz, -1.16dB@8GHz,
-1.25dB@10GHz
ÎÎReturn loss: -20dB@5GHz, -14.7dB@8GHz, -12dB@10GHz
ÎÎLow power consumption: 200μA typ
ÎÎSupply Voltage: 1.8V±10%
ÎÎIndustrial Temperature Range: -40oC to 85oC
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎFor automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.


Applications
Description
ÎÎUp to 20 Gbps for applications including USB3.2 Gen1,
USB3.2 Gen2, 10GE, Thunderbolt 4, SAS3.0, and SATA3.0
The PI2DBS16212A is a generic high speed passive mux/demux.
The configuration is 4 to 2 differential channel with data
rate up to 20 Gbps. Based on a unique design technique, it
optimizes dynamic electrical characteristics of the device, like
low insertion loss, crosstalk and return loss.
It allows high-speed signal switching with minimum attenuation
and suitable for multiple signal types like PCIe4.0, USB3.2
Gen1, USB3.2 Gen2, 10GE, Thunderbolt 4, SAS3.0, and
SATA3.0 signals.




Similar Part No. - PI2DBS16212A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DBS16212A DIODES-PI2DBS16212A Datasheet
567Kb / 2P
1.8V, 32Gbps, Two-Channel, 2:1 Mux/Demux Delivers Low-Loss and High-Speed Signal Switching
More results


Similar Description - PI2DBS16212A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B402A POTATO-PO3B402A Datasheet
568Kb / 6P
4-Port 2-Channel, 2:1 Mux/DeMux Switch
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Analog Devices
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
2:1 MUX/SPDT Audio Switch
REV. D
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
12-Channel, 2:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
logo
Renesas Technology Corp
9DMV0131B RENESAS-9DMV0131B Datasheet
535Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com