Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR14412ZLCEX Datasheet (PDF) - Diodes Incorporated

PI3WVR14412ZLCEX Datasheet PDF - Diodes Incorporated
Part # PI3WVR14412ZLCEX
Download  PI3WVR14412ZLCEX Download
File Size   639.34 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DisplayPort 1.3/1.4/2.0, HDMI 2.1 Video Switch

PI3WVR14412ZLCEX Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3WVR14412ZLCEX Datasheet PDF - Diodes Incorporated

Part # PI3WVR14412ZLCEX
Download  PI3WVR14412ZLCEX Click to download

File Size   639.34 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DisplayPort 1.3/1.4/2.0, HDMI 2.1 Video Switch

PI3WVR14412ZLCEX Datasheet (HTML) - Diodes Incorporated


PI3WVR14412ZLCEX Product details

Features
ÎÎDisplayPort 1.3/1.4/2.0, HDMI 2.1 Electrical standard
compatible
ÎÎ4-lane, 1:2 and 2:1 switches that support RBR, HBR1,
HBR2, HBR3, UHBR 10, UHBR 13.5 and UHBR 20
ÎÎData rate: 20 Gbps for high-speed channels
ÎÎSupports DDC with HPD channel mux/demux @ HDMI
ÎÎSupports 720 Mbps high-speed DP AUX @ DP
ÎÎ-2.0 dB insertion loss for high-speed channels @ 10 GHz
ÎÎReturn loss for high-speed channels @ 10 GHz: -10 dB
ÎÎLow channel-to-channel crosstalk for high-speed channels:
-35dB @ 10GHz
ÎÎLow off-isolation for high-speed channels: -15 dB @ 10
GHz
ÎÎLow bit-to-bit skew, 5ps typ (between ‘+’ and ‘-’ bits)
ÎÎVDD Operating Range: 3.3V +/-10%
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎFor automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/

Applications
Description
ÎÎRouting of DisplayPort video signals with low signal
attenuation between source and sink for PC and monitor.
ÎÎRouting of HDMI 2.1 video signals with low signal attenuation
between source and sink for 4K2K ultra-high definition
video display and broadcast video equipment.
The PI3WVR14412 is a multi-standard video switch with wide
voltage range capability. It supports DisplayPort 1.3/1.4/2.0,
HDMI 2.1, and emerging and proprietary standards.
The PI3WVR14412 can pass high-speed signals up to 1.2V
peak-to-peak differential, with a common-mode voltage from 0
to VDD for TMDS signal.
The wide voltage range allows DC-coupled multi-standard operation.
Eliminating AC coupling capacitors saves board space
and improves signal integrity for dense PCB design.
In addition to four high-speed lanes, the PI3WVR14412 also
switches the DDC and HPD signals or AUX and HPD signals
using the DDC/ AUX and HPD channel mux/demux.




Similar Part No. - PI3WVR14412ZLCEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3WVR14412Q DIODES-PI3WVR14412Q Datasheet
95Kb / 1P
20Gbps 1:2 Signal Switch For DP2.1, HDMI2.1, MIPI DPHY/CPHY, USB3.2
November 2023 Rev 2-2
PI3WVR14412Q2ZLCEX DIODES-PI3WVR14412Q2ZLCEX Datasheet
95Kb / 1P
20Gbps 1:2 Signal Switch For DP2.1, HDMI2.1, MIPI DPHY/CPHY, USB3.2
November 2023 Rev 2-2
More results


Similar Description - PI3WVR14412ZLCEX

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DK-330500-000-S ASSMANN-DK-330500-000-S Datasheet
286Kb / 2P
HDMI Adapter, Typ A Bu/Bu, komp. zu ehem. HDMI 1.3/1.4, sw
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
logo
Pericom Semiconductor C...
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
List of Unclassifed Man...
MCDP2900 ETC2-MCDP2900 Datasheet
138Kb / 7P
DisplayPort 1.4 to HDMI 2.0a protocol converter
logo
IOGEAR
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
2-Port 8K DisplayPort 1.4 Switch
logo
Diodes Incorporated
PI3WVR13612 DIODES-PI3WVR13612 Datasheet
554Kb / 1P
DisplayPort 1.3/1.4, HDMI 2.0 Video Switch
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Chrontel, Inc.
CH7218A CHRONTEL-CH7218A Datasheet
226Kb / 10P
CH7218A USB-C and DP 1.4 to HDMI 2.1 Protocol Converter
Rev 1.4 2023-8-18
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com