Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR14412Q Datasheet (PDF) - Diodes Incorporated

PI3WVR14412Q Datasheet PDF - Diodes Incorporated
Part # PI3WVR14412Q
Download  PI3WVR14412Q Download
File Size   95.26 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20Gbps 1:2 Signal Switch For DP2.1, HDMI2.1, MIPI DPHY/CPHY, USB3.2

PI3WVR14412Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3WVR14412Q Datasheet PDF - Diodes Incorporated

Part # PI3WVR14412Q
Download  PI3WVR14412Q Click to download

File Size   95.26 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20Gbps 1:2 Signal Switch For DP2.1, HDMI2.1, MIPI DPHY/CPHY, USB3.2

PI3WVR14412Q Datasheet (HTML) - Diodes Incorporated


PI3WVR14412Q Product details

Features
Supports DP2.1, HDMI2.1, MIPI DPHY/CPHY, USB3.2, LVDS
Electrical Standard Compatible
Data Rate Up to 20Gbps for 4-Lanes of High-Speed Channel
Supports DDC and HPD Switch @ HDMI
Supports Up to 720Mbps AUX Channel @ DP
Insertion Loss: -2.0dB @10GHz
Return Loss: -10dB @10GHz
Low Channel-to-Channel Crosstalk: -30dB @10GHz
Low Off-Isolation: -15dB @10GHz
Low Bit-to-Bit Skew: 5ps @Typical
Power Supply: 3.3V
Supports AEC-Q100 Grade 2, -40°C to 105°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The PI3WVR14412Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
Packaging (Pb-free & Green):
40-Pin, TQFN (ZLC), 0.4mm pitch

Application
Advanced Driver Assistance Systems (ADAS)
Automotive Infotainment & Cluster
Rear Seat Entertainment
Automotive Head Units
Aerospace & Defense




Similar Part No. - PI3WVR14412Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3WVR14412 DIODES-PI3WVR14412 Datasheet
639Kb / 1P
DisplayPort 1.3/1.4/2.0, HDMI 2.1 Video Switch
Rev 2 March 2021
PI3WVR14412ZLCEX DIODES-PI3WVR14412ZLCEX Datasheet
639Kb / 1P
DisplayPort 1.3/1.4/2.0, HDMI 2.1 Video Switch
Rev 2 March 2021
More results


Similar Description - PI3WVR14412Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
logo
Texas Instruments
TS5MP645 TI1-TS5MP645 Datasheet
1Mb / 31P
4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
logo
Texas Instruments
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
logo
Diodes Incorporated
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com