Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPR30D Datasheet (PDF) - STMicroelectronics

LPR30D Datasheet PDF - STMicroelectronics
Part # LPR30D
Download  LPR30D Download
File Size   94.63 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW DROP VOLTAGE REGULATOR DRIVE FOR EXTERNAL N-CHANNEL POWER MOSFET

LPR30D Datasheet (PDF)

Go To PDF Page Download Datasheet
LPR30D Datasheet PDF - STMicroelectronics

Part # LPR30D
Download  LPR30D Click to download

File Size   94.63 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW DROP VOLTAGE REGULATOR DRIVE FOR EXTERNAL N-CHANNEL POWER MOSFET

LPR30D Datasheet (HTML) - STMicroelectronics


LPR30D Product details

DESCRIPTION

The LPR30 is a very Low Dropout Regulator Controller in a single IC solution for very high current low dropout linear voltgage regulator. It uses an external N-CHANNEL POWER MOSFET as the linear pass element. The LPR30 features a dropout voltage as low as the RDS(on) of the external Power MOSFET multiplied by the output current. Consequently the output current can be as high as the POWER MOSFET can provide (also using an adeguate heatsink).



■ VERY LOW DROPOUT POWER MOSFET DRIVER

■ HIGH PRECISION Vref = 2.5V (±2%)

■ VERY LOW CURRENT DRAIN (TYP. 2mA)

■ REFERENCE OUTPUT CURRENT UP TO 20mA

■ OPERATING SUPPLY VOLTAGE FROM 5V TO 30V

■ MAXIMUM INPUT VOLTAGE ON-GATE PIN (N. 8) UP TO 60V

■ INTERNAL CURRENT LIMIT OPERATIONAL AMPLIFIER OFFSET TRIMMED AT 50mV ±10mV

■ NO CAPACITOR IS NEEDED FOR STABILITY OF REFERENCE OUTPUT

■ TEMPERATURE RANGE 0oC TO 70oC



APPLICATION

■ ULTRA HIGH CURRENT ULTRA LOW DROPOUT VOLTAGE REGULATOR

■ CONSTANT HIGH CURRENT SOURCE

■ LOW PARTS COUNT 5V TO 3.3V COMPUTER SUPPLY

■ LOW NOISE/LOWDROP SMPS POST REGULATOR




Similar Part No. - LPR30D

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
LPR351 MIC-LPR351 Datasheet
59Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
logo
Shenzhen Ping Sheng Ele...
LPR351 PFS-LPR351 Datasheet
172Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
logo
MIC GROUP RECTIFIERS
LPR352 MIC-LPR352 Datasheet
59Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
logo
Shenzhen Ping Sheng Ele...
LPR352 PFS-LPR352 Datasheet
172Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
logo
MIC GROUP RECTIFIERS
LPR353 MIC-LPR353 Datasheet
59Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
More results


Similar Description - LPR30D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
LOW-DROP VOLTAGE REGULATOR
Jun-1992
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
logo
STMicroelectronics
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
Low drop voltage regulator
19-Sep-2013
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com