Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPR30D Datasheet(PDF) 2 Page - STMicroelectronics

Part # LPR30D
Description  LOW DROP VOLTAGE REGULATOR DRIVE FOR EXTERNAL N-CHANNEL POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPR30D Datasheet(HTML) 2 Page - STMicroelectronics

  LPR30D Datasheet HTML 1Page - STMicroelectronics LPR30D Datasheet HTML 2Page - STMicroelectronics LPR30D Datasheet HTML 3Page - STMicroelectronics LPR30D Datasheet HTML 4Page - STMicroelectronics LPR30D Datasheet HTML 5Page - STMicroelectronics LPR30D Datasheet HTML 6Page - STMicroelectronics LPR30D Datasheet HTML 7Page - STMicroelectronics LPR30D Datasheet HTML 8Page - STMicroelectronics LPR30D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
external Power MOSFET multiplied by the output
current. Consequently the output current can be
as high as the POWER MOSFET can provide
(also using an adeguate heatsink).
The VCC of the LPR30 range from 5V to 30V. For
very low drop voltage operation,the LPR30
requires an external gate drive supply to provide
the control voltage needed to drive the gate of the
external POWER MOSFET.
The regulator output is constant-current limited
when the controller detects 50mV across an
external sense resistor.
It has an internal high precision (
± 2%) Voltage
Reference at 2.5V
The output regulated voltage is possible to
program to any voltage from 1V to more than
50V.
Flexible design is achieved by the availability of
the
Voltage
Reference Output
through
an
external pin (N.4) that is able to supply more than
20mA as load current. The LPR30 is available in
8 pin plastic DIP and in SO-8 for SMD. In both
package versions it is able to operate from 0
oCto
70
oC.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Input Voltage
36
V
IoREF
Reference Output Current
Internally Limited
Ptot
Power Dissipation
1
W
Top
Operating Junction Temperature Range
0 to 70
o C
Tstg
Storage Temperature Range
- 40 to 150
o C
Vgate
Maximum Gate Voltage (pin n8)
60
V
Igate
Maximum Gate Current (pin n8)
200
mA
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
THERMAL DATA
Symbol
Parameter
DIP-8
SO-8
Unit
Rthj-amb Thermal Resistance Junction-ambient (*)
Max
130 to 180
100 to 150
oC/W
(*) This value depends from thermal design of PCB on which the device is mounted.
CONNECTION DIAGRAM (top view)
ORDERING NUMBERS
Type
DIP-8
SO-8
SO-8 (tape & reel)
LPR30
LPR30N
LPR30D
LPR30D-TR
LPR30
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com