Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1218 Datasheet (PDF) - Maxim Integrated Products

MAX1218 Datasheet PDF - Maxim Integrated Products
Part # MAX1218
Download  MAX1218 Download
File Size   539.29 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications

MAX1218 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1218 Datasheet PDF - Maxim Integrated Products

Part # MAX1218
Download  MAX1218 Click to download

File Size   539.29 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications

MAX1218 Datasheet (HTML) - Maxim Integrated Products


MAX1218 Product details

General Description
The MAX1219 dual, monolithic, 12-bit, 210Msps analog-to-digital converter (ADC) provides outstanding dynamic performance up to a 250MHz input frequency. The device operates with conversion rates up to 210Msps while consuming only 800mW per channel.
At 210Msps and an input frequency of 200MHz, the MAX1219 achieves a 79dBc spurious-free dynamic range (SFDR) with excellent 65.5dB signal-to-noise ratio (SNR) at 200MHz. The SNR remains flat (within 3dB) for input tones up to 250MHz. This makes the MAX1219 ideal for wideband applications such as communications receivers, cable head-end receivers, and power-amplifier predistortion in cellular base-station transceivers.
The MAX1219 operates from a single 1.8V power supply. The analog inputs of each channel are designed for AC-coupled, differential or single-ended operation. The ADC also features a selectable on-chip divide-by-2 clock circuit that accepts clock frequencies as high as 420MHz and reduces the phase noise of the input clock source. A low-voltage differential signal (LVDS) sampling clock is recommended for best performance. The converter’s digital outputs are LVDS compatible and the data format can be selected to be either two’s complement or offset binary. The MAX1219 is available in a 100-pin TQFP package with exposed paddle and is specified over the extended (-40°C to +85°C) temperature range. Refer to the MAX1218 (170Msps) and the MAX1217 (125Msps) data sheets for lower speed, pin-compatible devices.

Features
♦ 210Msps Conversion Rate
♦ Excellent Low-Noise Characteristics
   SNR = 66.6dB at fIN = 100MHz
   SNR = 65.5dB at fIN = 200MHz
♦ Excellent Dynamic Range
   SFDR = 81dBc at fIN = 100MHz
   SFDR = 79dBc at fIN = 200MHz
♦ Single 1.8V Supply
♦ 1.6W Power Dissipation at fSAMPLE = 210Msps
   and fIN = 10MHz
♦ On-Chip Track-and-Hold Amplifier
♦ Internal 1.24V Bandgap Reference
♦ On-Chip Selectable Divide-by-2 Clock Input
♦ LVDS Digital Outputs with Data Clock Output
♦ EV Kit Available (Order MAX1219EVKIT)

Applications
   Cable Modem Termination Systems (CMTS)
   Cable Digital Return Path Transmitters
   Cellular Base-Station Power-Amplifier Linearization
   IF and Baseband Digitization
   ATE and Instrumentation
   Radar Systems




Similar Part No. - MAX1218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1218 MAXIM-MAX1218 Datasheet
982Kb / 21P
On-Board LVDS/LVPECL Differential Level Translators
Rev 0; 3/06
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
MAX1218ECQ MAXIM-MAX1218ECQ Datasheet
577Kb / 21P
1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
MAX1218EVKIT MAXIM-MAX1218EVKIT Datasheet
982Kb / 21P
On-Board LVDS/LVPECL Differential Level Translators
Rev 0; 3/06
More results


Similar Description - MAX1218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12 Datasheet
602Kb / 28P
12-Bit, 210Msps ADC
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1215 MAXIM-MAX1215 Datasheet
332Kb / 20P
1.8V, 12-Bit, 250Msps ADC for Broadband Applications
2006
MAX1217 MAXIM-MAX1217 Datasheet
336Kb / 22P
1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications
2005
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com