Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2159AGJ-P Datasheet (PDF) - Monolithic Power Systems

MP2159AGJ-P Datasheet PDF - Monolithic Power Systems
Part # MP2159AGJ-P
Download  MP2159AGJ-P Download
File Size   431.13 Kbytes
Page   13 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1A, 6V, 1.5MHz, 17μA IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23

MP2159AGJ-P Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2159AGJ-P Datasheet PDF - Monolithic Power Systems

Part # MP2159AGJ-P
Download  MP2159AGJ-P Click to download

File Size   431.13 Kbytes
Page   13 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1A, 6V, 1.5MHz, 17μA IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23

MP2159AGJ-P Datasheet (HTML) - Monolithic Power Systems


MP2159AGJ-P Product details

DESCRIPTION
The MP2159 is a monolithic step-down switch mode converter with built-in internal power MOSFETs. It achieves 1A continuous output current from a 2.5V to 6V input voltage with excellent load and line regulation. The output voltage can be regulated as low as 0.6V.
The Constant-On-Time control scheme provides fast transient response and eases loop stabilization. Fault condition protection includes cycle-by-cycle current limiting and thermal shutdown.
The MP2159 is available in the small TSOT23-8 package and requires a minimum number of readily available standard external components.
The MP2159 is ideal for a wide range of applications including High Performance DSPs, FPGAs, PDAs, and portable instruments.

FEATURES
 Very Low IQ: 17μA
 Default 1.5MHz Switching Frequency
 EN and Power Good for Power Sequencing
 Wide 2.5V to 6V Operating Input Range Output Adjustable from 0.6V
 Up to 1A Output Current
 100% Duty Cycle in Dropout
 118mΩ and 88mΩ Internal Power MOSFET Switches
 Cycle-by-Cycle Over Current Protection
 Short Circuit Protect with Hiccup Mode
 Stable with Low ESR Output Ceramic Capacitors
 Available in a TSOT23-8 Package

APPLICATIONS
 Wireless/Networking Cards
 Portable Instruments
 Battery Powered Devices
 Low Voltage I/O System Power




Similar Part No. - MP2159AGJ-P

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2159AGJ MPS-MP2159AGJ Datasheet
459Kb / 15P
1 A, 6 V, 1.5 MHz, Low IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
More results


Similar Description - MP2159AGJ-P

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2158 MPS-MP2158 Datasheet
445Kb / 13P
1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In Ultra-small 2x1.5mm QFN
MP2159 MPS-MP2159 Datasheet
448Kb / 13P
1A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2161 MPS-MP2161 Datasheet
385Kb / 13P
2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
MP2162 MPS-MP2162 Datasheet
456Kb / 13P
2A, 6V, 1.5MHz, 17A IQ, COT Synchronous Step Dwon Switcher In Ultra-small 2x1.5mm QFN
MP2158A MPS-MP2158A Datasheet
469Kb / 14P
1A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in Ultra-Small 2x1.5mm QFN-8
MP2160 MPS-MP2160 Datasheet
338Kb / 13P
1.2A Peak, 6V, 3.5MHz, COT Synchronous Step Down Switcher
MP2161A MPS-MP2161A Datasheet
460Kb / 15P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP2162A MPS-MP2162A Datasheet
533Kb / 17P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
MP9161A MPS-MP9161A Datasheet
443Kb / 15P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter in 8-pin TSOT23
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com