Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF081B Datasheet (PDF) - Renesas Technology Corp

AT25SF081B Datasheet PDF - Renesas Technology Corp
Part # AT25SF081B
Download  AT25SF081B Download
File Size   2301.94 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8 M-bit SPI Serial Flash Memory with Dual I/O and Quad I/O Support

AT25SF081B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25SF081B Datasheet PDF - Renesas Technology Corp

Part # AT25SF081B
Download  AT25SF081B Click to download

File Size   2301.94 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8 M-bit SPI Serial Flash Memory with Dual I/O and Quad I/O Support

AT25SF081B Datasheet (HTML) - Renesas Technology Corp


AT25SF081B Product details

▪ Two supply voltage options:
• 2.7 V - 3.6 V
• 2.5 V - 3.6 V
▪ Serial Peripheral Interface (SPI) Compatible
• Supports SPI modes 0 and 3
• Supports dual output operations (1,1,2)
• Supports quad output operations (1-1-4)
• Supports quad I/O / XiP operations (1-4-4, 0-4-4)
▪ 108 MHz maximum operating frequency
▪ Read operations
• Fast read up to 108 MHz
• Continuous read (with 8/16/32/64-byte wrap)
▪ Flexible erase architecture and time
• Sector erase 4 kB: 60 ms (typical)
• Block erase 32 kB and 64 kB: 120 ms and
200 ms (typical)
• Full chip erase: 3 seconds (typical)
▪ Flexible programming and time
• Page/byte program: from 1 to 256 bytes
• Page program time: 0.4 ms (typical)




Similar Part No. - AT25SF081B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25SF081B DIALOG-AT25SF081B Datasheet
1Mb / 61P
8-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25SF081B RENESAS-AT25SF081B Datasheet
2Mb / 59P
8 M-bit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
logo
Dialog Semiconductor
AT25SF081B-DWF DIALOG-AT25SF081B-DWF Datasheet
1Mb / 61P
8-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF081B-MAHB-T DIALOG-AT25SF081B-MAHB-T Datasheet
1Mb / 61P
8-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF081B-MAHD-T DIALOG-AT25SF081B-MAHD-T Datasheet
1Mb / 61P
8-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
More results


Similar Description - AT25SF081B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DQ161 ETC2-AT25DQ161_13 Datasheet
2Mb / 65P
Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Dialog Semiconductor
AT25SF041B DIALOG-AT25SF041B Datasheet
1Mb / 64P
4-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
AT25SF081B DIALOG-AT25SF081B Datasheet
1Mb / 61P
8-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Renesas Technology Corp
AT25QF641B RENESAS-AT25QF641B Datasheet
2Mb / 58P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-05-18
AT25QL641 RENESAS-AT25QL641 Datasheet
3Mb / 80P
SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
Sep 14, 2022
AT25SF041B RENESAS-AT25SF041B Datasheet
2Mb / 60P
4 M-bit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
Jun 3, 2022
AT25SF081B RENESAS-AT25SF081B Datasheet
2Mb / 59P
8 M-bit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
AT25SF161B RENESAS-AT25SF161B Datasheet
1Mb / 61P
16-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
Jun 3, 2022
AT25SF321B RENESAS-AT25SF321B Datasheet
2Mb / 63P
32-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
AT25SF641B RENESAS-AT25SF641B Datasheet
1Mb / 60P
64-Mbit SPI Serial Flash Memory with Dual I/O and Quad I/O Support
2022-06-03
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com