Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7918CT Datasheet (PDF) - ON Semiconductor

LM7918CT Datasheet PDF - ON Semiconductor
Part # LM7918CT
Download  LM7918CT Download
File Size   373.95 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-Terminal 1 A Negative Voltage Regulator

LM7918CT Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7918CT Datasheet PDF - ON Semiconductor

Part # LM7918CT
Download  LM7918CT Click to download

File Size   373.95 Kbytes
Page   19 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-Terminal 1 A Negative Voltage Regulator

LM7918CT Datasheet (HTML) - ON Semiconductor


LM7918CT Product details

Features
• Output Current in Excess of 1 A
• Output Voltages of: -5 V, -6 V, -8 V, -9 V, -12 V, -15 V, -18 V, -24 V
• Internal Thermal Overload Protection
• Short-Circuit Protection
• Output Transistor Safe Operating Area Compensation

Description
The KA79XX / KA79XXA / LM79XX series of three-terminal negative regulators are available in a TO-220 package with several fixed output voltages, making them useful in a wide range of applications. Each type employs internal current limiting, thermal shutdown, and safe operating area protection.




Similar Part No. - LM7918CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7918CT FAIRCHILD-LM7918CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
LM7918CT FAIRCHILD-LM7918CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
LM7918CT FAIRCHILD-LM7918CT Datasheet
286Kb / 18P
3-Terminal 1 A Negative Voltage Regulator
LM7918CT FAIRCHILD-LM7918CT Datasheet
280Kb / 18P
3-Terminal 1 A Negative Voltage Regulator
LM7918CT FAIRCHILD-LM7918CT Datasheet
373Kb / 19P
3-Terminal 1 A Negative Voltage Regulator
September 2014 Rev. 1.1.1
More results


Similar Description - LM7918CT

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
3-Terminal Negative Voltage Regulator
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
3-Terminal Negative Voltage Regulator
logo
Fairchild Semiconductor
LM7905CT FAIRCHILD-LM7905CT Datasheet
286Kb / 18P
3-Terminal 1 A Negative Voltage Regulator
KA7905ATU FAIRCHILD-KA7905ATU Datasheet
280Kb / 18P
3-Terminal 1 A Negative Voltage Regulator
logo
New Japan Radio
NJM7918FA NJRC-NJM7918FA Datasheet
427Kb / 8P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Thinki Semiconductor Co...
LM79XX THINKISEMI-LM79XX Datasheet
407Kb / 3P
3-Terminal 1 A Negative Voltage Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com